Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 19 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 19 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. PAC107 Datasheet HTML 19Page - Pixart Imaging Inc. PAC107 Datasheet HTML 20Page - Pixart Imaging Inc. PAC107 Datasheet HTML 21Page - Pixart Imaging Inc. PAC107 Datasheet HTML 22Page - Pixart Imaging Inc. PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
19
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
WC3, WC2, WC1, WC0: power wake up counter
0, 0, 0, 0: 1-bit counter;
0, 0, 0, 1: 2-bits counter;
0, 0, 1, 0: 3-bits counter;
0, 0, 1, 1: 4-bits counter;
0, 1, 0, 0: 5-bits counter;
0, 1, 0, 1: 6-bits counter;
0, 1, 1, 0: 7-bits counter;
0, 1, 1, 1: 8-bits counter;
1, 0, 0, 0: 9-bits counter;
1, 0, 0, 1: 10-bits counter;
1, 0, 1, 0: 11-bits counter;
1, 0, 1, 1: 12-bits counter;
1, 1, 0, 0: 13-bits counter;
1, 1, 0, 1: 14-bits counter;
1, 1, 1, 0: 15-bits counter;
1, 1, 1, 1: 16-bits counter (default)
PWM2On: Channel 2 ON / OFF (default = 0 / OFF)
PWM1On: Channel 1 ON / OFF (default = 0 / OFF)
WDTCON
Address: D8H
bit 7
bit 0
SMOD_1
⎯
⎯
⎯
⎯
WDTEN
WDTRST
Watch Dog Timer Controller register
SMOD_1: Serial Modification. Doubling the baud-rate of UART1 in modes 1, 2, 3
WDTEN: Watchdog Timer enable, set to “1” to enable watchdog timer
WDTRST: Watchdog Timer reset, set to “1” to reset timer, and be clear when counter reset
to 0.
PMR
Address: C4H
bit 7
bit 0
UARTOFF
⎯
⎯
⎯
⎯
ALEOFF
CD1
CD0
Power Manager Register
ALEOFF:
0: ALE toggling is enabled.
1: ALE toggling is disabled
UARTOFF:
0: enable the clock input of UART.
1: disable the clock input of UART
{CD1, CD0}: Output to system clock of Sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com