Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 10Page - Pixart Imaging Inc. PAC107 Datasheet HTML 11Page - Pixart Imaging Inc. PAC107 Datasheet HTML 12Page - Pixart Imaging Inc. PAC107 Datasheet HTML 13Page - Pixart Imaging Inc. PAC107 Datasheet HTML 14Page - Pixart Imaging Inc. PAC107 Datasheet HTML 15Page - Pixart Imaging Inc. PAC107 Datasheet HTML 16Page - Pixart Imaging Inc. PAC107 Datasheet HTML 17Page - Pixart Imaging Inc. PAC107 Datasheet HTML 18Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
Low byte of Timer2 Capture
RCAP2L stores data to be loaded into or captured from the timer register TL2 for Timer2
High byte of Timer2 Capture
RCAP2H stores data to be loaded into or captured from the TH2 for Timer2
Interrupt Priority Control Register
IP.7: Reserved bits
PS1: Serial port 1 priority control bit. 1: high priority interrupt
PT2: Timer 2 interrupt priority control bit. 1:
PS0: Serial port0 priority control bit. 1: high priority interrupt
PT1: Timer 1 interrupt priority control bit.
PX1: External interrupt 1 priority control bit. 1: high priority interrupt
PT0: Timer 0 interrupt priority control bit.
PX0: External interrupt 0 priority control bit.1
Interrupt Enable Register.
RCAP2H
Address:CBh
bit 7
bit 0
RCAP2H.3
RCAP2H.6
RCAP2H.4
RCAP2H.7
RCAP2H.5
RCAP2H.1 RCAP2H.0
RCAP2H.2
RCAP2L
Address:CAh
bit 7
bit 0
RCAP2L.3
RCAP2L.6
RCAP2L.4
RCAP2L.7
RCAP2L.5
RCAP2L.1 RCAP2L.0
RCAP2L.2
IP
Address:B8h
bit 7
bit 0
PT1
PT0
PX0
PX1
PT2
PS
PS1
IE
Address:A8h
bit 7
bit 0
ET1
ET0
EX0
EX1
EA
ET2
ES
ES1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com