Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 40 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 40 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 36Page - Pixart Imaging Inc. PAC107 Datasheet HTML 37Page - Pixart Imaging Inc. PAC107 Datasheet HTML 38Page - Pixart Imaging Inc. PAC107 Datasheet HTML 39Page - Pixart Imaging Inc. PAC107 Datasheet HTML 40Page - Pixart Imaging Inc. PAC107 Datasheet HTML 41Page - Pixart Imaging Inc. PAC107 Datasheet HTML 42Page - Pixart Imaging Inc. PAC107 Datasheet HTML 43Page - Pixart Imaging Inc. PAC107 Datasheet HTML 44Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
40
PixArt Imaging Inc.
E-mail:
fae_service@pixart.com.tw
V1.4, Aug, 2005
then initiated by a detected high-to-low transition on the RXD pin.
Baud Rates
Baud Rate for Mode 0:
The baud rate for mode 0 id fixed at Fosc/12.
Baud Rtes for Mode 2
Mode 2 has two baud rates, which are selected by the SMOD bit in the PCON register. The
following expression defines the baud rate:
Baud Rates for Modes 1 and 3
In modes 1 and 3, the baud rate is generated by overflow of timer (default) and/or timer 2.
You may select either or both timer(s) to generate the baud rate(s) for the transmitter and/or
the receiver.
Timer 1 Generated Baud Rates (Mode 1 and 3)
Timer 1 is the default baud rate generator for the transmitter and the receiver in modes 1
and 3. The baud rate is determined by the timer 1 overflow rate and the value of SMOD, as
shown in the following formula:
Selecting Timer 1 as the Baud Rate Generator
To select timer 1 as the baud rate generator:
•
Disable the timer interrupt by clearing the IE0 register.
•
Configure timer 1 as a timer or an event counter (set or clear the C/T bit in the
TMOD register).
•
Select timer mode 0-3 by programming the M1, M0 bits in the TMOD register.
Sreial I/O Mode 2 Baud Rate
2
SMOD
Fosc
64
Sreial I/O Mode 1 and 3 Baud Rate
2
SMOD
Timer 1 Onerflow Rate
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com