Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAC107 Datasheet HTML 1Page - Pixart Imaging Inc. PAC107 Datasheet HTML 2Page - Pixart Imaging Inc. PAC107 Datasheet HTML 3Page - Pixart Imaging Inc. PAC107 Datasheet HTML 4Page - Pixart Imaging Inc. PAC107 Datasheet HTML 5Page - Pixart Imaging Inc. PAC107 Datasheet HTML 6Page - Pixart Imaging Inc. PAC107 Datasheet HTML 7Page - Pixart Imaging Inc. PAC107 Datasheet HTML 8Page - Pixart Imaging Inc. PAC107 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
1.2 48-pin LCC
Pin No.
Name
Type
Definition
1
VDDA
P
Analog power
2
VDDAY1
Bypass
Sensor power
3
VRB
Bypass
Bottom-voltage reference for analog circuit
4
VCM
Bypass
Common-mode-voltage reference for analog circuit
5
VRT
Bypass
Top-voltage reference for analog circuit
6
GNDA
G
Analog ground
7
/EA
I
Enable bar of external ROM, “1” for internal ROM
8
NC
NC
Not connected
9
NC
NC
Not connected
10
ALE
O
Address latch pulse for SRAM-address
11
RST
I
Chip reset
12
VDDD
P
Digital power
13
NC
NC
Not connected
14
NC
NC
Not connected
15
GNDD
G
Digital ground
16
P3_6 (/WR)
O
8032, P3_6 (/WR) – Write pulse of SRAM
17
P3_7 (/RD)
O
8032, P3_7 (/RD) – Read pulse of SRAM
18
P2_0
IO
8032, P2_0
19
P2_1
IO
8032, P2_1
20
PWM2
O
8032, Programmable Pulse-width-modulation output
21
P2_2
IO
8032, P2_2
22
P2_3
IO
8032, P2_3
23
P2_4
IO
8032, P2_4
24
P2_5
IO
8032, P2_5
25
P2_6
IO
8032, P2_6
26
P2_7
IO
8032, P2_7
27
P1_2
IO
8032, P1_2
28
P1_1
IO
8032, P1_1
29
P1_0
IO
8032, P1_0
30
P3_5
IO
8032, P3_5
31
XTAL1
Clock
Differential input of Crystal Oscillator
32
XTAL2
Clock
Differential input of Crystal Oscillator
33
VDDD
P
Digital power
34
P1_6
IO
8032, P1_6
35
P0_0
IO
8032, P0_0
36
P0_1
IO
8032, P0_1
37
P0_2
IO
8032, P0_2
38
P0_3
IO
8032, P0_3
39
P0_4
IO
8032, P0_4
40
P0_5
IO
8032, P0_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com