Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 30 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 30 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. PAC107 Datasheet HTML 32Page - Pixart Imaging Inc. PAC107 Datasheet HTML 33Page - Pixart Imaging Inc. PAC107 Datasheet HTML 34Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
30
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
Mode 2 configures timer 0 as an 8-bit timer (TL0 register) that automatically reloads from
the TH0 register. TL0 overflow sets the timer overflow flag (TF0) in the TCON register
and reloads TL0 with the contents of TH0, which is preset by software. When the interrupt
request is serviced, hardware clears TF0. The reload leaves TH0 unchanged.
Timer 0/ Mode 3(Two 8-bit Timers)
Mode 3: TL0 and TH0 operate as 8-bit timers independently. Counter TL0 is configured by
uses Timer’s C/ T and GATE in TMOD, and TR0 in TCON. TH0 worked as a timer (free
running at frequency= Fosc/12) and takes over by timer 1 interrupt (TF1) and run control
bits(TR1). Thus, operation of timer 1 is restricted when timer 0 is in mode 3.
Timer 1
Timer 1 can be a timer or event counter in three modes of operation. The configuration for
12
0
1
XTAL1
Tx
TLx
(8 Bits)
Overflow
Interrupt
Request
TFx
GATEx
TRx
x = 0 or 1
THx
(8 Bits)
Reload
C/ Tx
INTx
Timer 0/1 in Mode 2,Auto-Reload
12
0
1
XTAL1
T0
TL0
(8 Bits)
Overflow
Interrupt
Request
GATE0
TR0
1/12 Fosc
TH0
(8 Bits)
TF0
TF1
1/12 Fosc
TR1
Interrupt
Request
Overflow
C/T0
INT0
Timer 0 in Mode 3 Two 8-bit Timers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com