Electronic Components Datasheet Search
  English  ▼

X  

PAC107 Datasheet(PDF) 27 Page - Pixart Imaging Inc.

Part # PAC107
Description  SINGLE-CHIP CMOS QQVGA IMAGE SENSOR with EMBEDDED TWIN-TURBO 8032 MICRO-PROCESSOR
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC107 Datasheet(HTML) 27 Page - Pixart Imaging Inc.

Back Button PAC107 Datasheet HTML 23Page - Pixart Imaging Inc. PAC107 Datasheet HTML 24Page - Pixart Imaging Inc. PAC107 Datasheet HTML 25Page - Pixart Imaging Inc. PAC107 Datasheet HTML 26Page - Pixart Imaging Inc. PAC107 Datasheet HTML 27Page - Pixart Imaging Inc. PAC107 Datasheet HTML 28Page - Pixart Imaging Inc. PAC107 Datasheet HTML 29Page - Pixart Imaging Inc. PAC107 Datasheet HTML 30Page - Pixart Imaging Inc. PAC107 Datasheet HTML 31Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
PixArt Imaging Inc.
PAC107
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
27
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, Aug, 2005
programmed to be level-triggered or edge triggered. IT1 = 0,
1
INT
is triggered by
detected low at the pin. If IT1 = 1,
1
INT
is negative-edge triggered. External interrupts are
enabled with bits EX1in the IE register. Evens on the external interrupt pins set the
interrupt flags IE1 in TCON. These request bits are cleared by hardware vectors to service
routines only if the interrupt is negative-edge triggered. If the interrupt is level-triggered,
the interrupt service routine must clear the request bit. External hardware must release
1
INT
before the service routine completes, or an additional interrupt is requested.
External interrupt pins are sampled once when rising edge of oscillator clock. The interrupt
pin should hold for at least 3 clocks for level-detection. And hold one clock for edge-
triggered interrupt. EX1 is set if external interrupt is detected. And the EX1 is
automatically cleared during service routine fetch cycles for edge-triggered interrupts.
Timer Interrupts
Three interrupt request TF0, TF1 and TF2 are set by timer 0 ,timer 1 and timer 2 overflow.
TF0 and TF1 are cleared by hardware vectors and jump to interrupt service routine when
timer 0 and timer 1 interrupts are generated. TF2 is different to TF0/TF1. TF2 is clear by
software when timer 2 interrupt is generated.
The relative enable bit of Timre0, Timer1, Timer2 are ET0, ET1, and ET2 in register IE.
Timer 2 interrupts are generated by a logical OR of bits TF2 and EXF2 in register T2CON.
Neither flag is cleared by a hardware vector to a service routine. In fact, the interrupt
service routine must determine if TF2 or EXEF2 generated the interrupt, and then clear the
bit. Timer 2 interrupt is enabled by ET2 in register IE.
Serial Port Interrupt
Serial port interrupts are generated by the logical OR of bits RI and TI in the SCON register.
Neither flag is cleared by a hardware vector to the service routine. The service routine
resolves RI and TI interrupt generation and clears the serial port request flag. The serial
port interrupt is enabled by bit ES in the IE register. In the same way by using serial port 1.
Serial port 1 control register is SCON1, and the buffer is SBUF1. Here is one thing to be
noticed that serial port 1 only uses timer 1 to generate baud rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com