Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 61Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
65
March 4, 2010
PA0/PA1 Pin Function Control
PAC Register
PAC0
PAC Register
PAC1
PA Data Register
PA0
PA Data Register
PA1
Output
Function
001
x
PA0=BZ
PA1=BZ
000
x
PA0=
²0²
PA1=
²0²
011
x
PA0=BZ
PA1=input line
010
x
PA0=
²0²
PA1=input line
10
x
D
PA0=input line
PA1=D
11
x
x
PA0=input line
PA0=input line
²x
² stands for don¢t care
²D² stands for Data ²0² or ²1²
If configuration options have selected that only the PA0
pin is to function as a BZ buzzer pin, then the PA1 pin
can be used as a normal I/O pin. For the PA0 pin to func-
tion as a BZ buzzer pin, PA0 must be setup as an output
by setting bit PAC0 of the PAC port control register to
zero. The PA0 data bit in the PA data register must also
be set high to enable the buzzer output, if set low pin
PA0 will remain low. In this way the PA0 bit can be used
as an on/off control for the BZ buzzer pin PA0. If the
PAC0 bit of the PAC port control register is set high, then
pin PA0 can still be used as an input even though the
configuration option has configured it as a BZ buzzer
output.
Note that no matter what configuration option is chosen
for the buzzer, if the port control register has setup the
pin to function as an input, then this will override the con-
figuration option selection and force the pin to always
behave as an input pin. This arrangement enables the
pin to be used as both a buzzer pin and as an input pin,
so regardless of the configuration option chosen; the ac-
tual function of the pin can be changed dynamically by
the application program by programming the appropri-
ate port control register bit.
I n t e r n a l C l o c k S o u r c e
P A 0 D a t a
B Z O u t p u t a t P A 0
B Z O u t p u t a t P A 1
P A 1 D a t a
Buzzer Output Pin Control
Note:
The above drawing shows the situation where both pins PA0 and PA1 are selected by configuration option to
be BZ and BZ buzzer pin outputs. The Port Control Register of both pins must have already been setup as out-
put. The data setup on pin PA1 has no effect on the buzzer outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com