Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 45Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 46Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
43
March 4, 2010
sure that the pin is configured to operate as an event
counter input pin, two things have to happen. The first is
to ensure that the Operating Mode Select bits in the
Timer Control Register place the Timer/Event Counter
in the Event Counting Mode, the second is to ensure
that the port control register configures the pin as an in-
put. It should be noted that in the event counting mode,
even if the microcontroller is in the Power Down Mode,
the Timer/Event Counter will continue to record exter-
nally changing logic events on the timer input pin. As a
result when the timer overflows it will generate a timer
interrupt and corresponding wake-up source.
Configuring the Pulse Width Measurement Mode
In this mode, the Timer/Event Counter can be utilised to
measure the width of external pulses applied to the ex-
ternal timer pin. To operate in this mode, the Operating
Mode Select bit pair, TnM1/TnM0, in the Timer Control
Register must be set to the correct value as shown.
Control Register Operating Mode
Select Bits for the Pulse Width
Measurement Mode
Bit7 Bit6
11
In this mode the internal clock, fSYS, is used as the inter-
nal clock for the 8-bit Timer/Event Counter and fSUB or
fSYS/4 is used as the internal clock for the 16-bit
Timer/Event Counter. However, the clock source, fSYS,
for the 8-bit timer is further divided by a prescaler, the
value of which is determined by the Prescaler Rate Se-
lect bits TnPSC2~TnPSC0, which are bits 2~0 in the
Timer Control Register. After the other bits in the Timer
Control Register have been setup, the enable bit TnON,
which is bit 4 of the Timer Control Register, can be set
high to enable the Timer/Event Counter, however it will
not actually start counting until an active edge is re-
ceived on the external timer pin.
If the Active Edge Select bit TnE, which is bit 3 of the
Timer Control Register, is low, once a high to low transi-
tion has been received on the external timer pin, the
Timer/Event Counter will start counting until the external
timer pin returns to its original high level. At this point the
enable bit will be automatically reset to zero and the
Timer/Event Counter will stop counting. If the Active
Edge Select bit is high, the Timer/Event Counter will be-
gin counting once a low to high transition has been re-
ceived on the external timer pin and stop counting when
the external timer pin returns to its original low level. As
before, the enable bit will be automatically reset to zero
and the Timer/Event Counter will stop counting. It is im-
portant to note that in the Pulse Width Measurement
Mode, the enable bit is automatically reset to zero when
the external control signal on the external timer pin re-
turns to its original level, whereas in the other two
modes the enable bit can only be reset to zero under
program control.
The residual value in the Timer/Event Counter, which
can now be read by the program, therefore represents
the length of the pulse received on the external timer
pin. As the enable bit has now been reset, any further
transitions on the external timer pin will be ignored. Not
until the enable bit is again set high by the program can
the timer begin further pulse width measurements. In
this way, single shot pulse measurements can be easily
Made.
It should be noted that in this mode the Timer/Event
Counter is controlled by logical transitions on the exter-
nal timer pin and not by the logic level. When the
Timer/Event Counter is full and overflows, an interrupt
signal is generated and the Timer/Event Counter will re-
load the value already loaded into the preload register
and continue counting. The interrupt can be disabled by
ensuring that the Timer/Event Counter Interrupt Enable
bit in the corresponding Interrupt Control Register, is re-
set to zero.
As the external timer pin is shared with an I/O pin, to en-
sure that the pin is configured to operate as a pulse
width measurement pin, two things have to happen. The
T i m e r + 2
E x t e r n a l E v e n t
I n c r e m e n t
T i m e r C o u n t e r
T i m e r + 3
T i m e r + 1
Event Counter Mode Timing Chart
+ 1
+ 2
+ 3
+ 4
T i m e r
E x t e r n a l T M R
P i n I n p u t
T n O N - w i t h T n E = 0
P r e s c a l e r O u t p u t
I n c r e m e n t
T i m e r C o u n t e r
Pulse Width Measure Mode Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com