Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 62Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 63Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 64Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
66
March 4, 2010
Interrupts
Interrupts are an important part of any microcontroller
system. When an external event or an internal function
such as a Timer/Event Counter or an A/D converter re-
quires microcontroller attention, their corresponding in-
terrupt will enforce a temporary suspension of the main
program allowing the microcontroller to direct attention
to their respective needs. The device contains several
external interrupt and internal interrupts functions. The
external interrupts are controlled by the action of the ex-
ternal INT0, INT1 and PINT pins, while the internal inter-
rupts are controlled by the Timer/Event Counter
overflows, the Time Base interrupt, the RTC interrupt,
the SPI/I
2C interrupt and the the A/D converter interrupt.
Interrupt Registers
Overall interrupt control, which means interrupt enabling
and request flag setting, is controlled by the INTC0,
INTC1, and MFIC/MFIC0/MFIC1 registers, which are lo-
cated in the Data Memory. By controlling the appropriate
enable bits in these registers each individual interrupt
can be enabled or disabled. Also when an interrupt oc-
curs, the corresponding request flag will be set by the
microcontroller. The global enable flag if cleared to zero
will disable all interrupts.
Interrupt Operation
A Timer/Event Counter overflow, Time Base, RTC over-
flow, SPI/I
2C data transfer complete, an end of A/D con-
version or the external interrupt line being triggered will
all generate an interrupt request by setting their corre-
sponding request flag. When this happens and if their
appropriate interrupt enable bit is set, the Program
Counter, which stores the address of the next instruction
to be executed, will be transferred onto the stack. The
Program Counter will then be loaded with a new ad-
dress which will be the value of the corresponding inter-
rupt vector. The microcontroller will then fetch its next
instruction from this interrupt vector. The instruction at
this vector will usually be a JMP statement which will
jump to another section of program which is known as
the interrupt service routine. Here is located the code to
control the appropriate interrupt. The interrupt service
routine must be terminated with a RETI statement,
which retrieves the original Program Counter address
from the stack and allows the microcontroller to continue
with normal execution at the point where the interrupt
occurred.
The various interrupt enable bits, together with their as-
sociated request flags, are shown in the accompanying
diagram with their order of priority.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked, as the EMI bit will be cleared au-
tomatically. This will prevent any further interrupt nesting
from occurring. However, if other interrupt requests oc-
cur during this interval, although the interrupt will not be
immediately serviced, the request flag will still be re-
corded. If an interrupt requires immediate servicing
while the program is already in another interrupt service
routine, the EMI bit should be set after entering the rou-
tine, to allow interrupt nesting. If the stack is full, the in-
terrupt request will not be acknowledged, even if the
related interrupt is enabled, until the Stack Pointer is
decremented. If immediate service is desired, the stack
must be prevented from becoming full.
Interrupt Priority
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In case of simultaneous requests,
the following table shows the priority that is applied.
Interrupt Source
Priority
Vector
External Interrupt 0
1
04H
External Interrupt 1
2
08H
Timer/Event Counter 0 Overflow
3
0CH
Timer/Event Counter 1 Overflow
4
10H
SPI/I2C Interrupt
5
14H
Multi-function Interrupt
6
18H
The A/D converter interrupt, Real Time clock interrupt,
Time Base interrupt and External Peripheral interrupt all
share the same interrupt vector which is 18H. Each of
these interrupts have their own own individual interrupt
flag but also share the same MFF interrupt flag. The
MFF flag will be cleared by hardware once the
Multi-function interrupt is serviced, however the individ-
ual interrupts that have triggered the Multi-function inter-
rupt need to be cleared by the application program.
External Interrupt
For an external interrupt to occur, the global interrupt
enable bit, EMI, and external interrupt enable bits, EEI0
and EEI1, must first be set. Additionally the correct
interrupt edge type must be selected using the
INTEDGE register to enable the external interrupt
function and to choose the trigger edge type. An actual
external interrupt will take place when the external
interrupt request flag, EIF0 or EIF1, is set, a situation
that will occur when a transition, whose type is chosen
by the edge select bit, appears on the INT0 or INT1 pin.
The external interrupt pins are pin-shared with the I/O
pins PD4 and PD5 and can only be configured as
external interrupt pins if their corresponding external
interrupt enable bit in the INTC0 register has been set.
The pin must also be setup as an input by setting the
corresponding PDC.4 and PDC.5 bits in the port control
register. When the interrupt is enabled, the stack is not
full and the correct transition type appears on the
external interrupt pin, a subroutine call to the external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com