Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
83
March 4, 2010
One of the WDT clock sources is the internal fSUB, which
can be sourced from either the 32K_INT internal oscilla-
tor or the 32768Hz oscillator. The 32K_INT internal os-
cillator has an approximate period of 31.2
ms at a supply
voltage of 5V. However, it should be noted that this
specified internal clock period can vary with VDD, tem-
perature and process variations. The 32768Hz oscillator
is supplied by an external 32768Hz crystal. The other
Watchdog Timer clock source option is the fSYS/4 clock.
Whether the Watchdog Timer clock source is its own in-
ternal 32K_INT, the 32768Hz oscillator or fSYS/4, it is di-
vided by 2
13~216, using configuration option to obtain the
required Watchdog Timer time-out period. The max time
out period is when the 2
16 option is selected. This
time-out period may vary with temperature, VDD and
process variations. As the clear instruction only resets
the last stage of the divider chain, for this reason the ac-
tual division ratio and corresponding Watchdog Timer
time-out can vary by a factor of two. The exact division
ratio depends upon the residual value in the Watchdog
Timer counter before the clear instruction is executed.
If the fSYS/4 clock is used as the Watchdog Timer clock
source, it should be noted that when the system enters
the Power Down Mode, then the instruction clock is
stopped and the Watchdog Timer will lose its protecting
purposes. For systems that operate in noisy environ-
ments, using the 32K_INT RC oscillator is strongly rec-
ommended.
Under normal program operation, a Watchdog Timer
time-out will initialise a device reset and set the status bit
TO. However, if the system is in the Power Down Mode,
when a Watchdog Timer time-out occurs, the TO bit in
the status register will be set and only the Program
Counter and Stack Pointer will be reset. Three methods
can be adopted to clear the contents of the Watchdog
Timer. The first is an external hardware reset, which
means a low level on the RES pin, the second is using
the watchdog software instructions and the third is via a
²HALT² instruction.
Clearing the Watchdog Timer
There are two methods of using software instructions to
clear the Watchdog Timer, one of which must be chosen
by configuration option. The first option is to use the sin-
gle
²CLR WDT² instruction while the second is to use the
two commands
²CLR WDT1² and ²CLR WDT2². For the
first option, a simple execution of
²CLR WDT² will clear
the WDT while for the second option, both
²CLR WDT1²
and
²CLR WDT2² must both be executed to successfully
clear the Watchdog Timer. Note that for this second op-
tion, if
²CLR WDT1² is used to clear the Watchdog Timer,
successive executions of this instruction will have no ef-
fect, only the execution of a
²CLR WDT2² instruction will
clear the Watchdog Timer. Similarly after the
²CLR
WDT2
² instruction has been executed, only a successive
²CLR WDT1² instruction can clear the Watchdog Timer.
Configuration Options
Configuration options refer to certain options within the MCU that are programmed into the device during the program-
ming process. During the development process, these options are selected using the HT-IDE software development
tools. As these options are programmed into the device using the hardware programming tools, once they are selected
they cannot be changed later as the application software has no control over the configuration options. All options must
be defined for proper system function, the details of which are shown in the table.
No.
Options
Oscillator Options
1
High Oscillator type selection - fM
1. External Crystal Oscillator
2. External RC Oscillator
3. Externally supplied clock - internal filter on
4. Externally supplied clock - internal filter off
2
fSUB clock selection:
1. 32768Hz External Oscillator
2. 32K_INT Internal Oscillator
3fS clock selection: fSUB or fSYS/4
4
XTAL mode selection: 455KHz or 1M~12MHz
5
32768Hz Crystal: enable or disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com