Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 65Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 66Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 70Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 71Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 72Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
69
March 4, 2010
A u t o m a t i c a l l y C l e a r e d b y I S R
e x c e p t
f o r A D F , T B F , R T F a n d T 2 F
M a n u a l l y S e t o r C l e a r e d b y S o f t w a r e
A u t o m a t i c a l l y D i s a b l e d b y I S R
C a n b e E n a b l e d M a n u a l l y
P r i o r i t y
H i g h
I n t e r r u p t
P o l l i n g
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F 1
E E I 0
T i m e r / E v e n t C o u n t e r 0
I n t e r r u p t R e q u e s t F l a g T 0 F
E E I 1
E T 0 I
T i m e r / E v e n t C o u n t e r 1
I n t e r r u p t R e q u e s t F l a g T 1 F
E T 1 I
S P I / I 2 C
I n t e r r u p t R e q u e s t F l a g S I M F
E S I M
E x t e r n a l I n t e r r u p t
R e q u e s t F l a g E I F 0
M u l t i - f u n c t i o n
I n t e r r u p t R e q u e s t F l a g M F F
E M F I
E M I
L o w
T i m e B a s e
I n t e r r u p t R e q u e s t F l a g T B F
E A D I
R e a l T i m e C l o c k
I n t e r r u p t R e q u e s t F l a g R T F
E R T I
A / D C o n v e r t e r
I n t e r r u p t R e q u e s t F l a g A D F
E T B I
E P I
E x t e r n a l P e r i p h e r a l
I n t e r r u p t R e q u e s t F l a g P E F
T i m e r / E v e n t C o u n t e r 2
I n t e r r u p t R e q u e s t F l a g T 2 F
E T 2 I
T i m e r / E v e n t C o u n t e r 3
I n t e r r u p t R e q u e s t F l a g T 3 F
E T 3 I
Interrupt Structure
interrupt vector at location 04H or 08H, will take place.
When the interrupt is serviced, the external interrupt
request flags, EIF0 or EIF1, will be automatically reset
and the EMI bit will be automatically cleared to disable
other interrupts. Note that any pull-high resistor
selections on this pin will remain valid even if the pin is
used as an external interrupt input.
The INTEDGE register is used to select the type of active
edge that will trigger the external interrupt. A choice of ei-
ther rising and falling edge types can be chosen along
with an option to allow both edge types to trigger an exter-
nal interrupt. Note that the INTEDGE register can also be
used to disable the external interrupt function.
The external interrupt pins are connected to an internal
filter to reduce the possibility of unwanted external inter-
rupts due to adverse noise or spikes on the external in-
terrupt input signal. As this internal filter circuit will
consume a limited amount of power, a configuration op-
tion is provided to switch off the filter function, an option
which may be beneficial in power sensitive applications,
but in which the integrity of the input signal is high. Care
must be taken when using the filter on/off configuration
option as it will be applied not only to both the external
interrupt pins but also to the Timer/Event Counter exter-
nal input pins. Individual external interrupt or
Timer/Event Counter pins cannot be selected to have a
filter on/off function.
F i l t e r O n / O f f
C o n f i g u r a t i o n O p t i o n
I N T C 1
F i l t e r
I N T C 0
F i l t e r
E x t e r n a l I N T . 0
E x t e r n a l I N T . 1
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com