Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
27
February 22, 2010
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, all of the I/O data
and port control registers will be set high. This means
that all I/O pins will default to an input state, the level of
which depends on the other connected circuitry and
whether pull-high selections have been chosen. If the
port control registers, PAC, PBC, PCC and PDC, are
then programmed to setup some pins as outputs, these
output pins will have an initial high output value unless
the associated port data registers, PA, PB, PC and PD,
are first programmed. Selecting which pins are inputs
and which are outputs can be achieved byte-wide by
loading the correct values into the appropriate port con-
trol register or by programming individual bits in the port
control register using the
²SET [m].i² and ²CLR [m].i² in-
structions. Note that when using these bit control in-
structions, a read-modify-write operation takes place.
The microcontroller must first read in the data on the en-
tire port, modify it to the required new bit values and then
rewrite this data back to the output ports.
Port A has the additional capability of providing wake-up
functions. When the device is in the Power Down Mode,
various methods are available to wake the device up.
One of these is a high to low transition of any of the Port
A pins. Single or multiple pins on Port A can be setup to
have this function.
LCD and LED Driver
For large volume applications, which incorporate an
LCD in their design, the use of a custom display rather
than a more expensive character based display reduces
costs significantly. However, the corresponding COM
and SEG signals required, which vary in both amplitude
and time, to drive such a custom display require many
special considerations for proper LCD operation to oc-
cur. These devices all contain an LCD Driver function,
which with their internal LCD signal generating circuitry
and various options, will automatically generate these
time and amplitude varying signals to provide a means
of direct driving and easy interfacing to a range of cus-
tom LCDs.
Additionally some of the devices also include LED driver
circuitry which can generated the required signals to
drive the COM and SEGMENT signals for LED panels.
All device include a wide range of options to enable LCD
and LED displays of various types to be driven. The ta-
ble shows the range of options available across the de-
vice range.
Part No.
Duty
Driver
No.
Bias
Bias
Type
Wave
Type
HT56R67
1/2
49
´2
1/2
or
1/3
C
or
R
A
or
B
1/3
49
´3
1/4
48
´4
HT56R668
HT56C668
HT56R678
HT56C678
HT56R688
1/8
64
´16
1/3
or
1/4
or
1/5
R
A
or
B
1/16
72
´8
LCD Selections
Note:
The HT56R67 devices do not have an LED
driver function.
Device
LED Duty
LED Driver No.
HT56R668
HT56C668
HT56R678
HT56C678
HT56R688
Static
72
´1
1/4
72
´4
1/8
72
´8
1/12
64
´12
1/16
64
´16
LED Selections
Note:
The and HT56R67 devices do not have an LED
driver function.
T 1
T 2
T 3
T 4
T 1
T 2
T 3
T 4
W r i t e t o P o r t
R e a d f r o m P o r t
S y s t e m C l o c k
P o r t D a t a
Read/Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com