Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 35Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 36Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
34
March 4, 2010
Programming Considerations
Certain precautions must be taken when programming
the LCD/LED. One of these is to ensure that the Display
Memory is properly initialised after the microcontroller is
powered on. Like the General Purpose Data Memory,
the contents of the Display Memory are in an unknown
condition after power-on. As the contents of the Display
Memory y will be mapped into the actual display, it is im-
portant to initialise this memory area into a known condi-
tion soon after applying power to obtain a proper display
pattern.
Consideration must also be given to the capacitive load
of the actual LCD used in the application. As the load
presented to the microcontroller by LCD pixels can be
generally modeled as mainly capacitive in nature, it is
important that this is not excessive, a point that is partic-
ularly true in the case of the COM lines which may be
connected to many LCD pixels. The accompanying dia-
gram depicts the equivalent circuit of the LCD.
One additional consideration that must be taken into ac-
count is what happens when the microcontroller enters a
Power Down condition. The LCDEN control bit in the
LCDCTRL or LEDEN bit in the LEDCTRL register per-
mits the display to be powered off to reduce power con-
sumption. If this bit is zero, the driving signals to the
display will cease, producing a blank display pattern but
reducing any power consumption associated with the
LCD.
After Power-on, note that as the LCDEN and LEDEN
bits will be cleared to zero, the display function will be
disabled.
The accompanying timing diagrams depict the display
driver signals generated by the microcontroller for vari-
ous values of duty and bias. The huge range of various
permutations only permit a few types to be displayed
here.
V S S
V D D
V S S
V D D
C O M 0 i n
l o w a c t i v e
S E G i n
l o w a c t i v e
C O M 0 i n
l o w a c t i v e
S E G i n
h i g h a c t i v e
C O M 0 i n
h i g h a c t i v e
S E G i n
l o w a c t i v e
C O M 0 i n
h i g h a c t i v e
S E G i n
h i g h a c t i v e
V S S
V D D
V S S
V D D
V S S
V D D
V S S
V D D
V S S
V D D
V S S
V D D
0
1
2
3
7 1
LED Static Mode Normal Operation
V S S
V D D
V S S
V D D
V S S
V D D
C O M 0
C O M 1
S E G
LED 1/4 Duty, COM High Active,
SEG Low Active, Display Off
C O M 0
C O M 1
C O M 2
C O M n
S E G 0
S E G 1
S E G 2
S E G n
LCD Panel Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com