Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 67Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 68Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 69Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 70Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 71Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 72Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 73Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
71
March 4, 2010
SPI/I
2C Interface Interrupt
For an SPI/I
2C interrupt to occur, the global interrupt en-
able bit, EMI, and the corresponding interrupt enable bit,
ESIM must be first set. An actual SPI/I
2C interrupt will
take place when the SPl/I
2C request flag, SIMF, is set, a
situation that will occur when a byte of data has been
transmitted or received by the SPI/I
2C interface or when
an I
2C address match occurs. When the interrupt is en-
abled, the stack is not full and a byte of data has been
transmitted or received by the SPI/I
2C interface or an I2C
address match occurs, a subroutine call to the SPI/I
2C
interrupt vector at location 14H, will take place. When
the interrupt is serviced, the SPI/I
2C request flag, SIMF
will be automatically reset and the EMI bit will be auto-
matically cleared to disable other interrupts.
Multi-function Interrupt
An additional interrupt known as the Multi-function inter-
rupt is provided. Unlike the other interrupts, this interrupt
has no independent source, but rather is formed from
four or five other existing interrupt sources, namely the
A/D Converter interrupt, Time Base interrupt, Real Time
Clock interrupt, External Peripheral interrupt and the
Timer 2 overflow interrupt.
For a Multi-function interrupt to occur, the global interrupt
enable bit, EMI, and the Multi-function interrupt enable
bit, EMFI, must first be set. An actual Multi-function inter-
rupt will take place when the Multi-function interrupt re-
quest flag, MFF, is set. This will occur when either a Time
Base overflow, a Real Time Clock overflow, an A/D con-
version completion, an External Peripheral Interrupt or
Timer 2 overflow interrupt is generated. When the inter-
rupt is enabled and the stack is not full, and either one of
the interrupts contained within the Multi-function interrupt
occurs, a subroutine call to the Multi-function interrupt
vector at location 018H will take place. When the interrupt
is serviced, the Multi-Function request flag, MFF, will be
automatically reset and the EMI bit will be automatically
cleared to disable other interrupts. However, it must be
noted that the request flags from the original source of the
Multi-function interrupt, namely the Time-Base interrupt,
Real Time Clock interrupt, A/D Converter interrupt, Exter-
nal Peripheral interrupt or Timer 2 overflow interrupt will
not be automatically reset and must be manually reset by
the application program.
Real Time Clock Interrupt
The Real Time Clock Interrupt is contained within the
Multi-function Interrupt.
For a Real Time Clock interrupt to be generated, the
global interrupt enable bit, EMI , Real Time Clock inter-
rupt enable bit, ERTI, and Multi-function interrupt enable
bit, EMFI, must first be set. An actual Real Time Clock
interrupt will take place when the Real Time Clock re-
quest flag, RTF, is set, a situation that will occur when
the Real Time Clock overflows. When the interrupt is en-
abled, the stack is not full and the Real Time Clock over-
flows, a subroutine call to the Multi-function interrupt
vector at location18H, will take place. When the Real
Time Clock interrupt is serviced, the EMI bit will be
cleared to disable other interrupts, however only the
MFF interrupt request flag will be reset. As the RTF flag
will not be automatically reset, it has to be cleared by the
application program.
Similar in operation to the Time Base interrupt, the pur-
pose of the RTC interrupt is also to provide an interrupt
signal at fixed time periods. The RTC interrupt clock
source originates from the internal clock source fS. This
fS input clock first passes through a divider, the division
ratio of which is selected by programming the appropri-
ate bits in the RTCC register to obtain longer RTC inter-
rupt periods whose value ranges from 2
8/f
S~2
15/f
S. The
clock source that generates fS, which in turn controls the
RTC interrupt period, can originate from three different
sources, the 32768Hz oscillator, 32K_INT oscillator or
the System oscillator/4, the choice of which is determine
by the fS clock source configuration option.
Note that the RTC interrupt period is controlled by both
configuration options and an internal register RTCC. A
configuration option selects the source clock for the in-
ternal clock fS, and the RTCC register bits RT2, RT1 and
RT0 select the division ratio. Note that the actual divi-
sion ratio can be programmed from 2
8 to 215.
f S S o u r c e
C o n f i g u r a t i o n
O p t i o n
f S Y S / 4
3 2 7 6 8 H z
3 2 K _ I N T
D i v i d e b y 2 8 ~ 2 1 5
S e t b y R T C C
R e g i s t e r
f S
R T C I n t e r r u p t
2 1 2 / f S ~ 2 1 5 / f S
R T 2
R T 1
R T 0
RTC Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com