Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 73Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
77
March 4, 2010
Oscillator
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Three types of system clocks can be selected
while various clock source options are provided for max-
imum flexibility. All oscillator options are selected
through the configuration options.
System Clock Configurations
There are three methods of generating the system clock,
two high oscillators and an externally supplied clock. The
two high oscillators are the external crystal/ceramic oscil-
lator and the external RC network. Selecting whether the
low frequency or high oscillator is used as the system os-
cillator is implemented using the HLCLK bit in the
CLKMOD register. The source clock for the high oscillator
is chosen via configuration option. The frequency of the
slow
clock
is
also
determined
using
the
SLOWC0~SLOWC2 bits in the CLKMOD register.
System Crystal/Ceramic Oscillator
After selecting the external crystal configuration option,
the simple connection of a crystal across OSC1 and
OSC2, is normally all that is required to create the nec-
essary phase shift and feedback for oscillation, without
requiring external capacitors. However, for some crystal
types and frequencies, to ensure oscillation, it may be
necessary to add two small value capacitors, C1 and
C2. Using a ceramic resonator will usually require two
small value capacitors, C1 and C2, to be connected as
shown for oscillation to occur. The values of C1 and C2
should be selected in consultation with the crystal or
resonator manufacturer
¢s specification. In most applica-
tions, resistor RP1 is not required, however for those ap-
plications where the LVR function is not used, RP1 may
be necessary to ensure the oscillator stops running
when VDD falls below its operating range. The internal
oscillator circuit contains a filter circuit to reduce the
possibility of erratic operation due to noise on the oscil-
lator pins. An additional configuration option must be
setup to configure the device according to whether the
oscillator frequency is high, defined as equal to or above
1MHz, or low, which is defined as below 1 MHz.
More information regarding oscillator applications is lo-
cated on the Holtek website.
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
12MHz
¾¾
8MHz
¾¾
4MHz
¾¾
1MHz
¾¾
455kHz (see Note 2)
10pF
10pF
Note:
1. C1 and C2 values are for guidance only.
2. XTAL mode configuration option: 455kHz.
3. RP1=5M
W~10MW is recommended.
Crystal Recommended Capacitor Values
External System RC Oscillator
After selecting the correct configuration option, using
the external system RC oscillator requires that a resis-
tor, with a value between 47k
W and 1.5MW,iscon-
nected between OSC1 and VDD, and a 470pF capacitor
is connected to ground. Although this is a cost effective
oscillator configuration, the oscillation frequency can
vary with VDD, temperature and process variations and
is therefore not suitable for applications where timing is
critical or where accurate oscillator frequencies are re-
quired. For the value of the external resistor ROSC refer
to the Appendix section for typical RC Oscillator vs.
Temperature and VDD characteristics graphics.
Note that an internal capacitor together with the external
resistor, ROSC, are the components which determine the
frequency of the oscillator. The external capacitor
shown on the diagram does not influence the frequency
of oscillation. This external capacitor should be added to
improve oscillator stability if the open-drain OSC2 out-
put is utilised in the application circuit. The internal oscil-
lator circuit contains a filter circuit to reduce the
possibility of erratic operation due to noise on the oscil-
lator pins.
Internal 32K_INT Oscillator
When microcontrollers enter a power down condition,
their internal clocks are normally switched off to stop
microcontroller activity and to conserve power. How-
ever, in many microcontroller applications it may be nec-
essary to keep some internal functions operational,
O S C 2
O S C 1
C 2
C 1
R P 1
Crystal/Ceramic Oscillator
O S C 1
O S C 2
f S Y S / 4 N M O S O p e n D r a i n
4 7 0 p F
V D D
R O S C
RC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com