Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 37Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 38Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 39Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 40Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 41Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 42Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 43Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 44Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
41
March 4, 2010
T M R n
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T n O N
P r e l o a d R e g i s t e r
T i m e r / E v e n t
C o u n t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
2
7 - s t a g e P r e s c a l e r
T n P S C 2 ~ T n P S C 0
( 1 / 1 ~ 1 / 1 2 8 )
8 - b i t T i m e r / E v e n t C o u n t e r
T n M 1 T n M 0
f S Y S
P F D 0
¸
T n E
F i l t e r
F i l t e r O n / O f f
C o n f i g u r a t i o n o p t i o n
8-bit Timer/Event Counter Structure
T M R n
T n E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
1 6 - B i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e
B u f f e r
T n M 1
T n M 0
T n O N
H i g h B y t e L o w B y t e
1 6 - b i t T i m e r / E v e n t C o u n t e r
P F D 1
2
¸
T n S
M
U
X
f S Y S / 4
M
U
X
f S U B
E x t e r n a l 3 2 7 6 8 H z
I n t e r n a l 3 2 K - I N T
C o n f i g u r a t i o n
O p t i o n
F i l t e r
F i l t e r O n / O f f
C o n f i g u r a t i o n o p t i o n
16-bit Timer/Event Counter Structure
M
U
X
P F D 0
P F D 1
C o n f i g u r a t i o n
O p t i o n
P F D
T M R n C R e g i s t e r ( n = 0 , 2 , 3 )
b 7
E v e n t C o u n t e r a c t i v e e d g e s e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T n E
T n O N
T n M 0
T n M 1
T i m e r p r e s c a l e r r a t e s e l e c t
T n P S C 2
0
0
0
0
1
1
1
1
b 0
T n P S C 2 T n P S C 1 T n P S C 0
T n P S C 1
0
0
1
1
0
0
1
1
T n P S C 0
0
1
0
1
0
1
0
1
T i m e r R a t e
1 : 1
1 : 2
1 : 4
1 : 8
1 : 1 6
1 : 3 2
1 : 6 4
1 : 1 2 8
T i m e r / E v e n t C o u n t e r c o u n t i n g e n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g m o d e s e l e c t
T n M 1
0
0
1
1
T n M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t a c t i v e e d g e s e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
N o t i m p l e m e n t e d , r e a d a s " 0 "
Timer/Event Counter Control Register
- TMRnC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com