Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 19Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 20Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 21Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 22Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 23Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 24Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 25Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 26Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
23
March 4, 2010
· AC is set if an operation results in a carry out of the
low nibbles in addition, or no borrow from the high nib-
ble into the low nibble in subtraction; otherwise AC is
cleared.
· Z is set if the result of an arithmetic or logical operation
is zero; otherwise Z is cleared.
· OV is set if an operation results in a carry into the high-
est-order bit but not a carry out of the highest-order bit,
or vice versa; otherwise OV is cleared.
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set by a
WDT time-out.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the subroutine
can corrupt the status register, precautions must be
taken to correctly save it.
Interrupt Control Registers
These 8-bit registers, INTC0, INTC1, MFIC, MFIC0,
MFIC1 and INTEDGE, control the operation of the device
interrupt functions. By setting various bits within these
registers using standard bit manipulation instructions, the
enable/disable function of each interrupt can be inde-
pendently controlled. A master interrupt bit within the
INTC0 register, the EMI bit, acts like a global enable/dis-
able and is used to set all of the interrupt enable bits on or
off. This bit is cleared when an interrupt routine is entered
to disable further interrupt and is set by executing the
²RETI² instruction. The INTEDGE register is used to se-
lect the active edges for the two external interrupt pins
INT0 and INT1.
Timer/Event Counter Registers
The devices contain several internal 8-bit and 16-bit
Timer/Event Counters, the actual amount depends upon
which device is selected. The registers TMR0, TMR1,
TMR2, TMR3 and the register pair TMR1L/TMR1H are
the locations where the timer values are located. These
registers can also be preloaded with fixed data to allow
different time intervals to be setup. The associated
control registers, TMR0C, TMR1C, TMR2C and TMR3C
contain the setup information for these timers, which
determines in what mode the timer is to be used as well
as containing the timer on/off control function.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PB, PC and PD. These
labeled I/O registers are mapped to specific addresses
within the Data Memory as shown in the Data Memory
table, which are used to transfer the appropriate output
or input data on that port. With each I/O port there is an
associated control register labeled PAC, PBC, PCC and
PDC, also mapped to specific addresses with the Data
Memory. The control register specifies which pins of that
port are set as inputs and which are set as outputs. To
setup a pin as an input, the corresponding bit of the con-
trol register must be set high, for an output it must be set
low. During program initialization, it is important to first
setup the control registers to specify which pins are out-
puts and which are inputs before reading data from or
writing data to the I/O ports. One flexible feature of these
registers is the ability to directly program single bits us-
ing the
²SET [m].i² and ²CLR [m].i² instructions. The
ability to change I/O pins from output to input and vice
versa by manipulating specific bits of the I/O control reg-
isters during normal program operation is a useful fea-
ture of these devices.
Pulse Width Modulator Registers
The devices contain multiple Pulse Width Modulator out-
puts each with their own related independent control reg-
ister pair, known as PWM0L/PWM0H, PWM1L/PWM1H,
PWM2L/PWM2H and PWM3L/PWM3H. The 12-bit con-
tents of each register pair, which defines the duty cycle
value for the modulation cycle of the Pulse Width Modula-
tor, along with an enable bit are contained in these regis-
ter pairs.
T O
P D F
O V
Z
A C
C
S T A T U S R e g i s t e r
A r i t h m e t i c / L o g i c O p e r a t i o n F l a g s
C a r r y f l a g
A u x i l i a r y c a r r y f l a g
Z e r o f l a g
O v e r f l o w f l a g
S y s t e m M a n a g e m e n t F l a g s
P o w e r d o w n f l a g
W a t c h d o g t i m e - o u t f l a g
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
b 0
Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com