Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
84
March 4, 2010
No.
Options
PFD Options
6
PA3: normal I/O or PFD output
7
PFD clock selection: Timer/Event Counter 0 or Timer/Event Counter 1
Buzzer Options
8
PA0/PA1: normal I/O or BZ/BZ or PA0=BZ and PA1 as normal I/O
9
Buzzer frequency: fS/2
2,f
S/2
3,f
S/2
4,f
S/2
5,f
S/2
6,f
S/2
7,f
S/2
8,f
S/2
9
Time Base Option
10
Time base time-out period: 2
12/f
S,2
13/f
S,2
14/f
S,2
15/f
S,
LCD Option
11
LCD type: R or C - HT56R67 only
Watchdog Options
12
Watchdog Timer function: enable or disable
13
CLRWDT instructions: 1 or 2 instructions
14
WDT time-out period: 2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S,2
15/f
S~2
16/f
S
LVD/LVR Options
15
LVD function: enable or disable
16
LVR function: enable or disable
17
LVR/LVD voltage: 2.1V/2.2V or 3.15V/3.3V or 4.2V/4.4V
SPI Options
18
SIM pin enable/disable
19
SPI_WCOL: enable/disable
20
SPI_CSEN: enable/disable, used to enable/disable (1/0) software CSEN function
I
2C Option
21
I
2C debounce Time: no debounce, 1 system clock debounce, 2 system clock debounce
PINTB Option
22
External peripheral interrupt or Segment function
Timer/Event Counter and External Interrupt Pins Filter Option
24
Interrupt and Timer/Event Counter input pins internal filter On/Off control
- applies to all pins
Lock Options
25
Lock All
26
Partial Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com