Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 27Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 28Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 29Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 30Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 31Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 32Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 33Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 34Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 35Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
31
March 4, 2010
L C D e n a b l e / d i s a b l e c o n t r o l
1 : e n a b l e
0 : d i s a b l e
I n t h e N o r m a l , S l o w o r I d l e m o d e
L C D w i l l b e o n / o f f a c c o r d i n g t o " L C D E N " = 1 / 0
I n t h e S l e e p m o d e t h e L C D i s a l w a y s o f f
L C D b i a s r e s i s t o r s e l e c t
R S E L 1
R S E L 0
1 / 3 B i a s
1 / 2 B i a s
L C D B i a s
1 : 1 / 3 B i a s
0 : 1 / 2 B i a s
N o t i m p l e m e n t e d , r e a d a s " 0 "
L C D D u t y
D T Y C 1
D T Y C 0
L C D T y p e A o r B
1 : T y p e B
0 : T y p e A
L C D C T R L R e g i s t e r
b 7
B I A S
T Y P E
b 0
R S E L 1 R S E L 0 L C D E N
D T Y C 1
6 0 0 k W
3 0 0 k W
1 0 0 k W
5 0 k W
0
0
1
1
0
1
0
1
D T Y C 0
1 / 2 d u t y
1 / 3 d u t y
1 / 4 d u t y
r e s e r v e d
0
0
1
1
0
1
0
1
4 0 0 k W
2 0 0 k W
6 7 k W
3 4 k W
LCD Control Register
- LCDCTRL - HT56R67
L C D C T R L R e g i s t e r
b 7
B I A S 0
B I A S 1
T Y P E
L C D e n a b l e / d i s a b l e c o n t r o l : d e f a u l t v a l u e " 0 "
1 : e n a b l e
0 : d i s a b l e
I n N o r m a l , S l o w , I d l e m o d e
L C D w i l l b e o n / o f f a c c o r d i n g t o " L C D E N " = 1 / 0
I n S l e e p m o d e L C D i s a l w a y s o f f
b 0
R S E L 1 R S E L 0 L C D E N
D T Y C
L C D b i a s r e s i s t o r s e l e c t
R S E L 1
R S E L 0
D e f i n e L C D b i a s
B I A S 1
B I A S 0
0
0
1
1
0 0 : 1 / 3 B i a s
0 1 : 1 / 4 B i a s
1 0 : 1 / 5 B i a s
1 1 : R e s e r v e d
0
1
0
1
B i a s
0
1
1
x
0
1
D e f i n e L C D d u t y
0 : 1 / 8 d u t y
1 : 1 / 1 6 d u t y
L C D T y p e A o r B
0 : T y p e A
1 : T y p e B
N o t i m p l e m e n t e d , r e a d a s " 0 "
1 / 5 B i a s
1 0 0 0 k W
1 0 0 k W
5 k W
1 / 4 B i a s
8 0 0 k W
8 0 k W
4 k W
1 / 3 B i a s
6 0 0 k W
6 0 k W
3 k W
LCD Control Register
- LCDCTRL - HT56R668/HT56C668/HT56R678/HT56C678/HT56R688



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com