Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPowerTM A/D Type with LCD 8-Bit MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 74Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
HT56R67/HT56R668/HT56C668/HT56R678/HT56C678/HT56R688
Rev. 1.20
78
March 4, 2010
such as timers, even when the microcontroller is in the
Power-down mode. To do this, the device has a
32K_INT oscillator, which is a fully integrated free run-
ning RC oscillator with a typical period of 31.2
msat5V,
requiring no external components. It is selected via con-
figuration option. When the device enters the Power
Down Mode, the system clock will stop running, how-
ever the 32K_INT oscillator will continue to run if se-
lected to keep various internal functions operational.
External 32768Hz Oscillator
With a function similar to the internal 32K-INT 32KHz os-
cillator, that is to keep some device functions opera-
tional during power down, this device also has an
external 32768Hz oscillator. This oscillator also remains
active at all times, even when the microcontroller is in
the Power-down mode. This clock source has a fixed
frequency of 32768Hz and requires a 32768Hz crystal
to be connected between pins OSC3 and OSC4.
The external resistor and capacitor components con-
nected to the 32768Hz crystal are not necessary to pro-
vide oscillation. For applications where precise
frequencies are essential, these components may be
required to provide frequency compensation due to dif-
ferent crystal manufacturing tolerances.
A configuration option selects whether the external
32768Hz oscillator or the internal 32K_INT oscillator is
selected.
During power-up there is a time delay associated with
the 32768Hz oscillator waiting for it to start-up. To mini-
mise this time delay, bit 4 of the RTCC register, known
as the QOSC bit, is provided to have a quick start-up
function. During a power-up condition, this bit will be
cleared to zero which will initiate the 32768Hz oscillator
quick start-up function. However, as there is additional
power consumption associated with this quick start-up
function, to reduce power consumption after start-up
takes place, it is recommended that the application pro-
gram should set the QOSC bit high for about 2 seconds
after power-on. It should be noted that, no matter what
condition the QOSC bit is set to, the 32768Hz oscillator
will always function normally, only there is more power
consumption associated with the quick start-up function.
32768Hz Oscillator C1 and C2 Values
Crystal Frequency
C3
C4
32768Hz
8pF
10pF
Note:
1. C3 and C4 values are for guidance only.
2. RP2=5M~10M
W is recommended.
32768 Hz Crystal Recommended Capacitor Values
External Oscillator
The system clock can also be supplied by an externally
supplied clock giving users a method of synchronising
their external hardware to the microcontroller operation.
This is selected using a configuration option and supply-
ing the clock on pin OSC1. Pin OSC2 should be left
floating if the external oscillator is used. The internal os-
cillator circuit contains a filter circuit to reduce the possi-
bility of erratic operation due to noise on the oscillator
pin, however as the filter circuit consumes a certain
amount of power, a oscillator configuration option exists
to turn this filter off. Not using the internal filter should be
considered in power sensitive applications and where
the externally supplied clock is of a high integrity and
supplied by a low impedance source.
System Operating Modes
The devices have the ability to operate in several differ-
ent modes. This range of operating modes, known as
Normal Mode, Slow Mode, Idle Mode and Sleep Mode,
allow the devices to run using a wide range of different
slow and fast clock sources. The devices also possess
the ability to dynamically switch between different clocks
and operating modes. With this choice of operating
functions users are provided with the flexibility to ensure
they obtain optimal performance from the device ac-
cording to their application specific requirements.
Clock Sources
In discussing the system clocks for the devices, they
can be seen as having a dual clock mode. These dual
clocks are what are known as a High Oscillator and the
other as a divided frequency from high oscillator. The
High Oscillator and Low frequency are the system clock
sources and can be selected dynamically using the
HLCLK bit in the CLKMOD register.
The High Oscillator has the internal name fM whose
source is selected using a configuration option from a
choice of either an external crystal/resonator, external
RC oscillator or external clock source.
The Low frequency clock source, is further modified by
the SLOWC0~SLOWC2 bits in the CLKMOD register to
provide the low frequency clock source fSLOW.
O S C 4
O S C 3
C 4
C 3
R P 2
3 2 7 6 8 H z
3 2 7 6 8 H z
External 32768Hz Oscillator
I n t e r n a l
3 2 K _ I N T
f R C 3 2 K
Internal 32K_INT Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com