Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 226 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 226 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 228Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 229Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 230Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 976 page
background image
A7S Nexus3 Programmers Model
MAC7200 Microcontroller Family Reference Manual, Rev. 2
148
Freescale Semiconductor
Table 11-18 and Table 11-19 illustrate examples of Direct Branch Messages: one with 2 MDO / 1 MSEO,
and one with 8 MDO / 2 MSEO.
Note that T0 and I0 are the least significant bits where:
•
Tx = TCODE number (fixed)
•
Sx = Source processor (fixed)
•
Ix = Number of Instructions (variable)
11.10 A7S Nexus3 Programmers Model
This section describes the A7S Nexus3 programmers model. Nexus registers are accessed using the JTAG
port in compliance with IEEE 1149.1 (discussed in Section 11.10.4, “Nexus Register Access via JTAG”).
11.10.1 JTAG ID Register
This JTAG ID Register (located within the ARM7 CPU) provides key development attributes to the
development tool concerning the ARM7 processor and the A7S Nexus3 block. This register is fixed for
each ARM7 embedded system.
This register is accessed through the standard JTAG IR/DR paths.
Table 11-18. Direct Branch Message Example (2 MDO / 1 MSEO)
Clock
MDO[1:0]
MSEO
State
0
X
X
1
Idle (or end of last message)
1
T1
T0
0
Start Message
2
T3
T2
0
Normal Transfer
3
T5
T4
0
Normal Transfer
4
S1
S0
0
Normal Transfer
5
S3
S2
0
Normal Transfer
6
I1
I0
1
End Packet
7
0
0
1
End Message
8
T1
T0
0
Start Message
Table 11-19. Direct Branch Message Example (8 MDO / 2 MSEO)
Clock
MDO[7:0]
MSEO[1:0]
State
0
X
X
X
X
X
X
X
X
1
1
Idle (or end of last message)
1
S1
S0
T5
T4
T3
T2
T1
T0
0
0
Start Message
2
0
0
0
0
I1
I0
S3
S2
1
1
End Packet/End Message
3
S1
S0
T5
T4
T3
T2
T1
T0
0
0
Start Message



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com