Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 223 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 223 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 225Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 226Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 976 page
background image
External Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
145
Figure 11-2 illustrates the state diagram for single pin MSEO transfers.
Note that the “End Message” state does not contain valid data on the MDO pins. Also, It is not possible to
have two consecutive “End Packet” messages. This implies the minimum packet size for a variable length
packet is 2x the number of MDO pins. This ensures that a false end of message state is not entered by
emitting two consecutive 1’s on the MSEO pin before the actual end of message.
Figure 11-3 illustrates the state diagram for two pin MSEO transfers.
The two-pin MSEO option is more efficient that the single pin option. Termination of the current message
may immediately be followed by the start of the next message on the consecutive clocks. An extra clock
to end the message is not necessary as with the one MSEO pin option. The two-pin option also allows for
consecutive “End Packet” states. This can be an advantage when small, variable sized packets are
transferred.
Table 11-15. MSEO Pin(s) Protocol
MSEO Function
Single MSEO data (serial)
Dual MSEO data
Start of message
1–1–0
11–00
End of message
0–1–1–(more 1’s)
00 (or 01)–11–(more 11’s)
End of variable length packet
0–1–0
00–01
Message transmission
0’s
00’s
Idle (no message)
1’s
11’s
Idle
Start
Message
Normal
Transfer
End
Message
MSEO=1
MSEO=1
MSEO=0
MSEO=0
MSEO=1
MSEO=1
MSEO=0
MSEO=0
MSEO=0
MSEO=1
MDO: Invalid
MDO: Invalid
Not Allowed
End
Packet
Figure 11-2. Single Pin MSEO Transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com