Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 220 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 220 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 221Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 222Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 223Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 224Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 976 page
background image
Nexus Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
142
Freescale Semiconductor
3. Drive the JTAG TAP State Machine into the Test-Logic-Reset state. While the State Machine is in
this state, all Nexus output pins are driven to their off value
4. Drive the EVTI pin high (negated)
5. Drive the JTAG TAP State Machine out of the Test-Logic-Reset state (into the Run-Test/Idle state
for instance)
Note that the Nexus is always in a disabled state after a Power On Reset. Once the Nexus module has been
disabled, it will remain disabled until explicitly enabled.
When the Nexus is disabled the Nexus outputs have the following off values:
In the disabled state, all Nexus3 registers are not accessible for reads or writes. In addition, the EVTI input
is ignored, except when exiting the Test-Logic-Reset state, as described in Section 11.8.3, “Resetting
Nexus.
11.8.6
Nexus Development Status (DS) Register
The DS implementation on the MAC72xx is identical to the MAC71xx, except that the MAC72xx does
not support STOP mode, so the DS[28] bit should always read back 0.
The DS[29] is for DOZE mode and the DS[30] is for Debug mode, which on the MAC72xx is identical to
the ARM7 Debug Mode (DS[31]).
The DS[27:26] bits are tied low (0), and DS[25:24] are unused and read back 0b00. This gives the
following possible combinations for DS[31:24]:
11.8.7
Unintended Activation of Nexus
If the Nexus is not intended to be used, the PF1 pin should be driven low at reset. This will disconnect all
Nexus outputs, and force the EVTI input to the Nexus high (disabled). It is still possible to activate the
Nexus through the JTAG interface in this case. However, there will be no impact to the value of the pins
on either Nexus port.
EVTO
1
MSEO
1
RDY
1
MCKO
0
MDO[n]
0
$00
Entering Normal Mode
$20
Entering Doze mode from Normal Mode
$C0
Entering Debug Mode from Normal Mode
$E0
Entering Debug Mode from Doze Mode or Doze Mode
from Debug Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com