Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 216 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 216 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 220Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 976 page
background image
Nexus Integration
MAC7200 Microcontroller Family Reference Manual, Rev. 2
138
Freescale Semiconductor
NOTE
On the MAC72xx, STOP mode is not implemented, and ext_lps[0] will
always read back as a ‘0’.
11.4.1
Nexus Integration and SoC Security
In order to prevent access to internal resources, such as the Flash, when they are secured, all debug features
(i.e.-EICE and Nexus) are disabled when the chip is in a secured mode, denoted by the negation of the
debug_enabled signal. Please refer to Chapter 9, “Device Memory Map” for more details on this. When
debug_enabled is negated, the following actions are taken:
•
The DBGEN signal to the ARM7 core is negated.
•
All clocks to the Nexus are gated off. See the section “Power Consumption” below for more
details.
11.4.2
Nexus Integration and FlexBus Port Sizing
Because the Nexus Secondary Port is muxed in with the address bus of the external bus, it is impossible
to use the FlexBus when the Nexus is active, and the Secondary Port is selected. It is only possible to use
the Nexus on the Primary Port with an 8-bit external bus.
11.4.3
Nexus Integration and Port Control
Unlike other “peripherals” in the system, which require programming of the Port Integration Module
(PIM) in order to give control of the pins to the peripheral, the Nexus will automatically be given control
of the appropriate ports once enabled (by setting of Nexus Present and Nexus Port Select hardware
configuration pins). This is done in order to avoid requiring the development system to write internal
memory-mapped registers. On the MAC71xx family, the number of MSEO pins selected was done via an
input port on the Nexus module (ext_mseo_sel) (0 = 1-pin, 1 = 2-pin). For all MAC71xx devices, this was
tied to 0, denoting a single MSEO pin was available. On the MAC72xx, this selection is done via the MSC
bit in the Port Control Register (PCR) in the Nexus (0 = 1-pin, 1 = 2-pin). On the MAC72xx, a single
MSEO pin is available. Therefore, the software must not set this bit in the PCR register.
Table 11-10. FlexBus Port Sizing with Nexus
Nexus Port Select
(PF0)
Nexus Present
(PF1)
Allowed FlexBus Port Sizes
(PF3)
0 (Primary)
1 (Yes)
8-bit (PF3=0)
0 (Primary)
0 (No)
8/16-bit (PF3=0/1)
1 (Secondary)
1 (Yes)
FlexBus not available
1 (Secondary)
0 (No)
8/16-bit (PF3=0/1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com