Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 214 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 214 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 210Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 976 page
background image
Nexus Implementation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
136
Freescale Semiconductor
•No cost
•
Already implemented for the ARM9 core
•
Supported by Metroworks tools
11.3.1
Nexus Port Replacement
The selection between the Primary and Secondary Nexus ports will be done via an external pin (See
Section 2.2, “MCU Hardware Configuration Summary”) latched at RESET in order to alleviate the need
for the development system to write into a memory-mapped register. The Primary and Secondary ports are
defined as follows:
11.3.2
TAP Controller Encodings
The following table lists the JTAG TAP controller IR register encodings used on the MAC72xx.
Table 11-7. Nexus Port Assignments
Nexus Pin
Primary Port
Secondary Port
EVTI
PA9
PC3
MCKO
PB0
PC4
EVTO
PB1
PC5
MSEO
PB2
PC6
RDY
PB3
PC7
MDO[0]
PG2
PC8
MDO[1]
PG3
PC9
MDO[2]
PG4
PC10
MDO[3]
PB9
PC11
MDO[4]
PB11
PC12
MDO[5]
PB13
PC13
MDO[6]
PB14
PC14
MDO[7]
PB15
PC15
Table 11-8. JTAG TAP Controller IR Register Encodings
IR Encoding
Function
Used By
$0 = 0000
EXTEST
ARM9
$1 = 0001
Unused
$2 = 0010
SCAN_N
ARM7/ARM9
$3 = 0011
SAMPLE/PRELOAD
ARM9
$4 = 0100
RESTART
ARM7/ARM9
$5 = 0101
CLAMP
ARM920T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com