Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 211Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 212Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 213Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 214Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 215Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 216Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 217Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 218Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 976 page
background image
Nexus Integration
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
137
12. The IDCODE returned on the MAC72xx is hard-coded in the ARM7 core and is $4f1f0f0f.
11.4
Nexus Integration
On the MAC72xx, the following Nexus Low Power State (LPS) encodings are used:
$6 = 0110
Unused
$7 = 0111
HIGHZ
ARM920T
$8 = 1000
NEXUS_ACCESS
Nexus
$9 = 1001
CLAMPZ
ARM920T
$A = 1010
Unused
$B = 1011
Unused
$C = 1100
INTEST
ARM91
$D = 1101
Unused
$E = 1110
IDCODE
ARM7/ARM9
$F = 1111
BYPASS
ARM7/ARM9
1. The INTEST IR encoding is used to load/unload values into the six configuration registers (“Scan
Chains”) built into the MAC72xx:
Bit
Definition
0
Not Used
1–2
ARM7/EICE
3
Not Used
4
PTI Scan Chain 4
5
PTI Scan Chain 5
6
PTI Scan Chain 6
7
PTI Scan Chain 7
Table 11-9. Nexus LPS Encodings
Mode
ext_lps
Normal
ext_lps[2:0] = 3’b000
Stop
ext_lps[0] = 1
Doze
ext_lps[1] = 1
Debug
ext_lps[2] = 1
Table 11-8. JTAG TAP Controller IR Register Encodings (Continued)
IR Encoding
Function
Used By



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com