Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 257 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 257 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 253Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 254Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 255Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
179
11.11.3.3 DTM Operation
11.11.3.3.1
Enabling Data Trace Messaging
Data Trace Messaging can be enabled in one of two ways.
•
Setting the TM field of the DC Register to enable Data Trace (DC[1]).
•
Using the DTS field of the WT Register to enable Data Trace on Watchpoint hits (ARM7
watchpoints are configured within the CPU).
11.11.3.3.2
DTM Queueing
A7S Nexus3 implements a programmable depth queue (32 minimum entry recommended) for queuing all
messages. Messages that enter the queue are transmitted via the auxiliary pins in the order in which they
are queued.
Table 11-40. Data Trace Exception Summary
Exception Condition
Exception Handling
System Reset Negation
At the negation of JTAG reset (TRST), queue pointers, counters, state machines, and
registers within the A7S Nexus3 module are reset. If Data Trace is enabled, the first
Data Trace Message is a Data Write/Read w/ Sync. Message.
Data Trace Enabled
The first Data Trace Message (after Data Trace has been enabled) is a synchronization
message.
Exit from Low Power/Debug
Upon exit from a Low Power mode or Debug mode the next Data Trace Message will be
converted to a Data Write/Read with Sync. Message.
Queue Overrun
An Error Message occurs when a new message cannot be queued due to the message
queue being full. The FIFO will discard messages until it has completely emptied the
queue. Once emptied, an Error Message will be queued. The error encoding will
indicate which type(s) of messages attempted to be queued while the FIFO was being
emptied. The next DTM message in the queue will be a Data Write/Read w/ Sync.
Message.
Periodic Data Trace Synchronization
A forced synchronization occurs periodically after 255 Data Trace Messages have been
queued. A Data Write/Read w/ Sync. Message is queued. The periodic data trace
message counter then resets.
Event In
If the Nexus module is enabled, an EVTI assertion initiates a Data Trace Write/Read w/
Sync. Message upon the next data write/read (if Data Trace is enabled and the EIC bits
of the DC Register have enabled this feature).
Attempted Access to Secure Memory For SOCs that implement security, any attempted read or write to secure memory
locations will temporarily disable Data Trace & cause the corresponding DTM to be lost.
A subsequent read/write will queue a Data Trace Read/Write w/ Sync. Message.
Collision Priority
Messages have the following priority: Error, Ownership Trace, Watchpoint, Debug,
Program Correlation, Branch Trace, Data Trace. A Data Trace message which attempts
to enter the queue at the same time as two other higher priority messages will be lost.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com