Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 260 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 260 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 256Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 257Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 258Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 259Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 260Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 261Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 262Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 263Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 264Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
182
Freescale Semiconductor
11.11.4.1.2
Internal Watchpoint Units 3 - 6
Watchpoint units 3 - 6 can be enabled to assert on an instruction address compare. The two least significant
bits of the address are automatically masked for word accesses (ARM mode) and the least significant bit
is masked for half word accesses (thumb mode).
11.11.4.1.3
ARM7 Watchpoints
The ARM7 EmbeddedICE module is capable of setting up to two (2) address and/or data watchpoints.
Please refer to the debug chapter of the ARM7TDMI-S (Rev 4) Technical Reference Manual
(ARM DDI 0234A) for details on watchpoint initialization.
11.11.4.2 Processor Breakpoints
The ARM watchpoint units and the Nexus watchpoint units 3 - 6 can be used to assert a processor
breakpoint. If the processor is configured for halt mode, the processor will enter into debug state before
executing the instruction at the specified address.
11.11.4.3 Watchpoint Messaging (WPM)
The A7S Nexus3 module provides watchpoint messaging using the IEEE-ISTO 5001 defined TCODE.
Enabling watchpoint messaging is done by setting the watchpoint enable (WEN) bit in the DC register.
11.11.4.3.1
Watchpoint Message
When watchpoint messaging is enabled, and any of the eight (8) possible watchpoint sources asserts, a
watchpoint message will be sent to the queue to be transmitted. The message indicates which
watchpoint(s) asserted based on the encodings in Table 11-43.
Table 11-42. Internal Data Watchpoint Configuration Examples
Compare Operation
BWO
BWAM
BWDM
Compare Target
Single address only
010
FFFF FFFF
xxxx
BWA[31:0]
Address range only
010
FFFF FFF0
xxxx
BWA[31:4]
Signal address and word value
011
FFFF FFFF
1111
BWA[31:0] and BWD[31:0]
Word value only
001
xxxx xxxx
1111
BWD[31:0]
Signal address and byte value
011
FFFF FFFF
0001
BWA[31:0] and BWD[7:0]
0010
BWA[31:0] and BWD[15:8]
0100
BWA[31:0] and BWD[23:16]
1000
BWA[31:0] and BWD[31:24]
Single address and halfword value
011
FFFF FFFF
0011
BWA[31:0] and BWD[15:0]
1100
BWA[31:0] and BWD[31:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com