Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 294Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 295Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 296Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 297Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 298Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 299Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 300Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 301Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
220
Freescale Semiconductor
12.2.4.1.13
DMA Interrupt Request (DMAINTH, DMAINTL)
The DMAINT{H,L} registers provide a bit map for the implemented channels {16,32,64} signaling the
presence of an interrupt request for each channel. DMAINTH supports channels 63-32, while DMAINTL
covers channels 31-00. The dma_engine signals the occurrence of a programmed interrupt upon the
completion of a data transfer as defined in the transfer control descriptor by setting the appropriate bit in
this register. The outputs of this register are directly routed to the platform’s interrupt controller. During
the execution of the interrupt service routine associated with any given channel, it is software’s
responsibility to clear the appropriate bit, negating the interrupt request. Typically, a write to the
DMACINT register in the interrupt service routine is used for this purpose.
The state of any given channel’s interrupt request is directly affected by writes to this register; it is also
affected by writes to the DMACINT register. On writes to the DMAINT, a one in any bit position clears
the corresponding channel’s interrupt request. A zero in any bit position has no affect on the corresponding
channel’s current interrupt status. The DMACINT register is provided so the interrupt request for a single
channel can easily be cleared without the need to perform a read-modify-write sequence to the
DMAINT{H,L} registers. See Figure 12-14 and Table 12-17 for the DMAINT definition.
Register address: DMA_Offset + 0x0020 (DMAINTH), +0x0024 (DMAINTL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
0000000000000000
W
Reset
0000000000000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
W
Reset
0000000000000000
= Unimplemented
Figure 12-14. DMA Interrupt Request (DMAINTH, DMAINTL) Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com