Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 113Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 114Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 115Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 116Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 117Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 118Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 119Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 120Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
39
4.3
Detailed Signal Descriptions
4.3.1
EXTAL, XTAL — Oscillator Pins
EXTAL and XTAL are the crystal driver and external clock pins. On reset all the device clocks are derived
from the EXTAL input frequency. XTAL is the crystal output. When the XCLKS pin is driven low, an
external 3.3V clock signal can be driven in on the EXTAL pin directly. Otherwise, the XCLKS pin must
be driven high until after the RESET pin has been negated.
4.3.2
RESET — External Reset Pin
An open drain, active low bidirectional control signal, it acts as an input to initialize the MCU to a known
start-up state, and an output when an internal MCU function causes a Reset. A pull-down resistor can be
activated on this pin. This allows the device to enter reset when the connection to an external reset source
is lost. This resistor is implemented using active elements, and is approximately equivalent to a 20KOhm
resistor under typical operating conditions.
Figure 4-4. Bidirectional Open Drain Pin
4.3.3
XFC — PLL Loop Filter Pin
The XFC pin allows the user to specify the external PLL loop filter components to modify the PLLs
response rate and stability. Please refer to Chapter 23, “Clock and Reset Generator (CRG)” for more
details on this pin and for the calculation of the component values.
Figure 4-5. PLL Loop Filter Connections
Pin
N
P
N
VDD
Open Drain
Output Buffer
Input Buffer
MCU
XFC
R0
CS
CP
VDDPLL
VDDPLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com