Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 127 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 127 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 126Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 128Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 129Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 130Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 131Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
49
the pin. The pin is multiplexed with the eMIOS channels for the capturing of timed events or the output of
time based signals. At Reset the value of the pin is used to determine if the Nexus Port can be enabled using
the external Debug. The pin can be independently configured to wake the system out of low-power mode
(DOZE) when an external signal is applied using the interrupt functionality.
4.3.48
PF[2] / EMIOS[2] / AUTOACK — Port F I/O Pins, eMIOS Channels and
FlexBus Ack Selection
PF[2] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the eMIOS channels for the capturing of timed events or the output of
time based signals. At Reset the value of the pin is used to determine whether the AutoAck feature is
enabled for the Global Chip Select of the FlexBus. The pin can be independently configured to wake the
system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.
4.3.49
PF[3] / EMIOS[3] / AUTOACK — Port F I/O Pins, eMIOS Channels and
FlexBus Port Size
PF[3] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the eMIOS channels for the capturing of timed events or the output of
time based signals. At Reset the value of the pin is used to determine the Port Size for the Global Chip
Select of the FlexBus. The pin can be independently configured to wake the system out of low-power mode
(DOZE) when an external signal is applied using the interrupt functionality.
4.3.50
PF[4:7] / EMIOS[4:7] — Port F I/O Pins and eMIOS Channels
PF[4] to PF[7] are configurable general purpose input or output pins. They can be independently
configured to provide either high or reduced output drives, and also to enable or disable either a pull-up or
pull-down resistor on the pins. The pins are multiplexed with the eMIOS channels for the capturing of
timed events or the output of time based signals. Each pin can be independently configured to wake the
system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.
4.3.51
PF[8] / PCS[5] / PCSS — Port F I/O Pin and DSPI_C
PF[8] is a configurable general purpose input or output pin. It can be configured to provide either high or
reduced output drive, to enable or disable either a pull-up or pull-down resistor on the pin or to provide
either an open drain or push-pull pad. The pin can be configured as chip select pin PCS[5] when in Master
mode for the Serial Peripheral Interface C (DSPI_C), or as a Peripheral Chip Select Strobe to qualify the
other Chip Select signals to eliminate any decoding glitches. Each pin can be independently configured to
wake the system out of low-power mode (DOZE) when an external signal is applied using the interrupt
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com