Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 119Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 120Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 121Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 122Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 123Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 124Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 125Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 126Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 976 page
background image
Detailed Signal Descriptions
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
45
the interrupt functionality. When the Nexus Secondary Port is selected and active, this pin is used as an
Event In input.
4.3.29
PC[4] / ADDR[4] / NEX2MCKO — Port C I/O Pins, External Address
Bus and Nexus Secondary
PC[4] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the external address bus line Address 3. Each pin can be independently
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality. When the Nexus Secondary Port is selected and active, this pin is used as a
Message Clock output.
4.3.30
PC[5] / ADDR[5] / NEX2EVTO — Port C I/O Pins, External Address
Bus and Nexus Secondary
PC[5] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the external address bus line Address 3. Each pin can be independently
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality. When the Nexus Secondary Port is selected and active, this pin is used as a
Event Out output.
4.3.31
PC[6] / ADDR[6] / NEX2MSEO — Port C I/O Pins, External Address
Bus and Nexus Secondary
PC[6] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the external address bus line Address 3. Each pin can be independently
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality. When the Nexus Secondary Port is selected and active, this pin is used as a
Message Start/End output.
4.3.32
PC[7] / ADDR[7] / NEX2RDY — Port C I/O Pins, External Address Bus
and Nexus Secondary
PC[7] is a configurable general purpose input or output pin. It can be independently configured to provide
either high or reduced output drive, and also to enable or disable either a pull-up or pull-down resistor on
the pin. The pin is multiplexed with the external address bus line Address 3. Each pin can be independently
configured to wake the system out of low-power mode (DOZE) when an external signal is applied using
the interrupt functionality. When the Nexus Secondary Port is selected and active, this pin is used as a
Nexus Ready output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com