Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 143 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 143 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 139Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 140Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 141Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 142Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 143Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 144Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 145Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 146Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 147Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 976 page
background image
Clock Generation
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
65
Figure 5-5. ALC PLL Mode Clock Path
5.2.1.3
External Clock 1:1 Mode
In this mode, the system clock is fed from an external 3.3V clock, and the PLL is bypassed. Refer to
Figure 5-6.
XCLKS = 0
PLLSEL = 0 (PLL is bypassed)
Eqn. 5-5
Eqn. 5-6
OSC
EXTAL
OSCCLK
0 1
XTAL
PLL
PLLSEL
PLLCLK
System Clock
CRG
÷2
Peripheral
Bus Clock
SystemClock
OSCCLOCK
=
PeripheralBusClock
SystemClock
2
-----------------------------------
OSCCLK
2
-------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com