Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 145 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 145 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 141Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 142Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 143Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 144Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 145Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 146Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 147Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 148Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 149Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 976 page
background image
Clock Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
67
Figure 5-7. External Clock PLL Mode Clock Path
5.2.2
Self Clock Mode (SCM)
If the external clock frequency is not available due to a failure or due to long crystal start-up time, the
System Clock is derived from the VCO in the PLL, running at minimum operating frequency. This mode
of operation is called Self Clock Mode. Self Clock Mode may be entered at any time, upon failing the
Clock Quality Check. Self Clock mode may only be exited by passing a Clock Quality Check after a
system reset. When the system is in Self Clock Mode, the RTI, SWT and Oscillator Clock are all
automatically switched to PLLCLK.
5.2.3
Crystal Monitor
The MAC72xx provides an on-chip Crystal Monitor that detects a loss of Oscillator Clock. Please refer to
Section 23.4.2.3, “Clock Monitor (CM)” for more details. Note that the terms “Crystal Monitor” and
“Clock Monitor” are used interchangeably.
5.2.4
Clock Quality Checker
In addition to the Crystal Monitor, the MCU also provides a Clock Quality checker which performs a more
accurate check of the Oscillator Clock. Please refer to Section 23.4.2.4, “Clock Quality Checker” for more
details.
5.3
Clock Usage
Table 5-3 summarizes the usage of clocks on all MAC72xx modules.
OSC
EXTAL
OSCCLK
0 1
XTAL
PLL
PLLSEL
PLLCLK
System Clock
CRG
÷2
Peripheral
Bus Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com