Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 173Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 174Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 176Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 177Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 178Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 179Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 180Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 976 page
background image
Debug Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
99
Figure 8-10. Monitor Mode Overview
8.8.2
Entering Debug mode
•
The ARM7 core is forced into a debug state
Table 8-3. ARM7TDMI-S Debug State Overview
Debug State
Monitor Mode
Processor
External bus indicates “internal cycles”
Processor executes normally
Interrupts
Disabled
Enabled
Aborts
Disabled
Enabled. Instruction/Data Abort also
triggered by Breakpoint/Watchpoint,
respectively.
JTAG Interface
Active
Can insert instructions into the ARM
instruction pipeline to examine registers and
system state
Active
Can communicate with a software monitor
executing on the core
Monitor Mode
DCR[4]=1
Breakpoint
Watchpoint
DBGBREAK=1
DBGRQ=1
Instruction
Abort
Exception
Instruction Fetch
Operand Fetch
Data
Abort
Exception
No
Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com