Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 179 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 179 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 175Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 176Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 177Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 178Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 179Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 180Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 181Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 182Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 183Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 976 page
background image
Debug Application Usage
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
101
8.8.5
Debug Shift Register SC4
Please refer to Section 35.1.1, “JTAG Test Register (SC4)”.
8.8.6
Using the JTAG Interface
Because the JTAG interface requires internal clocks for synchronization, it is generally not safe to assume
that the interface is available all of the time. In particular, there are several situations where the JTAG
interface may not be available:
•
Immediately after a Power On Reset (POR)
•
Immediately after a loss of clock condition
In general, under normal operating conditions, the JTAG interface may be used while the RESET is
asserted for a normal system reset. The safest approach is to reset the device, program the debug registers,
and then reset the device again. Since the debug logic is not reset by a normal system reset, this procedure
is guaranteed to work.
In order to meet the IEEE 1149.1-1990 JTAG specification, it is required that the JTAG interface be run at
no faster than 1/8 the system clock frequency. As an example, for an 80MHz system, the maximum TCK
frequency is 10MHz. There may be further limitations introduced by the development system or PCB. If
the debug system does not seem to be functioning correctly, try reducing the JTAG speed and resetting the
system.
8.8.7
JTAG Pad Control
Control of the JTAG related pads is done purely from the PIM registers, as follows:
TCK
•
Can configure pull-up or pull-down
•
Can disable the TDI functionality. In this case, the pad becomes an output (driven low), and the
internal TDI signal is driven low (0).
TMS
•
Can configure pull-up or pull-down
•
Can disable the TDI functionality. In this case, the pad becomes an output (driven low), and the
internal TDI signal is driven low (0).
TDI
•
Can configure pull-up or pull-down
•
Can disable the TDI functionality. In this case, the pad becomes an output (driven low), and the
internal TDI signal is driven low (0).
TDO
•
Can configure slew rate
•
Can disable the TDO functionality. In this case, the pad becomes an input (All changes on the pad
are ignored by the system).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com