Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 180 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 180 Page - Intel Corporation

Back Button 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation 6402 Datasheet HTML 179Page - Intel Corporation 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 250 page
background image
Registers
180
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.3.1.20 NBCALSTATUS: Northbound Calibration Status
This register contains the pass/fail information of the last calibration on a per lane basis
for the southbound. The AMB is expected to log the information when it is asked to go
through calibration. The register is always cleared when entering the calibration state.
This register will be used for debug purposes.
14.3.2
SM Bus Register
Since the AMB will never be a master on the SM Bus and will never write to the
EEPROM, SM Bus registers related to being a master are not required.
14.3.2.1
CBC: Chip Boot Configuration
This register reports AMB DIMM ID from pins BFUNC, SA[2:0]. SM Bus NodeID can be
calculated from the DIMM ID as follows:
If DIMMID[3] = 0: (BFUNC =0) Normal DIMM
• NODEID[6:3] = “101_1” or “B”
NODEID[2:0] = DIMMID[2:0] the value from pins SA[2:0]
If DIMMID[3] = 1: (BFUNC =1) Repeater or LAI
• NODEID[6:3] = “001_1” or “3”
NODEID[2:0] = DIMMID[2:0] the value from pins SA[2:0]
Device:
NodeID
Function: 1
Offset:
7Eh
Bit
Attr
Default
Description
15:14
RV
0h
Reserved
13:0
RWST
0h
CALSTATUS: Calibration status
0 - Pass
1 - Fail
Device:
NodeID
Function: 1
Offset:
88h
Bit
Attr
Default
Description
7:4
RV
0
Reserved
3:0
RO
0
DIMMID: SM Bus NodeID
Value from pins BFUNC, SA[2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com