Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 179 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 179 Page - Intel Corporation

Back Button 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation 6402 Datasheet HTML 179Page - Intel Corporation 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
179
Registers
14.3.1.17 RECALDUR: FBD Recalibrate Duration
This register determines the duration of the Recalibration state between 32 and 42
frames. During recalibration state all commands and CRC are ignored.
14.3.1.18 SYNCTRAININT: SYNC Train Interval register
This register sets the typical spacing of sync commands on the link.
14.3.1.19 SBCALSTATUS: Southbound Calibration Status
This register contains the pass/fail information of the last calibration on a per lane basis
for the southbound. The AMB is expected to log the information when it is asked to go
through calibration. The register is always cleared when entering the calibration state.
This register will be used for debug purposes.
Device:
NodeID
Function: 1
Offset:
70h
Bit
Attr
Default
Description
7RV
0
Reserved
6:1
RW
0h
Recalibrate_Duration: This field sets the duration of the Recalibrate
state once a sync command with the ERC bit. set is received. Legal
values are between 32 and 42. Functionality if set outside this
range is undefined.
• > ‘42d (101010b) = undefined
• = ‘42d (101010b) = ignore for 42 frames after Sync
•....
• = 32d (100000b) = ignore for 32 frames after Sync
• <32d (100000b) = undefined
0RV
0
Reserved
Device:
NodeID
Function: 1
Offset:
78h
Bit
Attr
Default
Description
7:0
RWST
2Ah
SyncTrainInt: This field sets the min spacing for sync cmds
default value 42d (101010b)
min value 32, max value=255
Device:
NodeID
Function: 1
Offset:
7Ch
Bit
Attr
Default
Description
15:10
RV
0h
Reserved
9:0
RWST
0h
CALSTATUS: Calibration status
0 - Pass
1 - Fail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com