Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 181 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 181 Page - Intel Corporation

Back Button 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation 6402 Datasheet HTML 179Page - Intel Corporation 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation 6402 Datasheet HTML 182Page - Intel Corporation 6402 Datasheet HTML 183Page - Intel Corporation 6402 Datasheet HTML 184Page - Intel Corporation 6402 Datasheet HTML 185Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
181
Registers
14.3.3
Error Registers
14.3.3.1
EMASK: Error Mask
This register masks errors in the FERR and NERR registers as well as disabling some
types of error detection. A ‘0’ in any field enables that error. A ‘1’ in any field masks
(disables) that error. Multiple bits can be set in this register. An enabled error sets
error status, updates error logs, and generates link signals. A masked error does not
affect error status, error logs, or link signals.
14.3.3.2
FERR: First Error
This register contains bits specifying which errors occurred first as related to the FBD
channel.
Device:
NodeID
Function: 1
Offset:
8Ch
Bit
Attr
Default
Description
31:8
RV
0
Reserved
7RWST
1
Reserved
6RWST
1
Reserved
5RWST
1
INJERR: Error Injection has sourced an injected error bit in the status
return field (optional)
4RWST
1
INJALERT: Error Injection has sourced an injected alert error (optional)
3RWST
0
FEWEDGES: tClk Training Violation (no sync cmd for 2x SYNCTRAININT -
typically 84 frames)
2RWST
1
OVERTEMP: Temp > TEMPHI and temp enabled
1RWST
1
UNIMPLCFG: Unimplemented Configuration Address
0RWST
0
CMDCRCERR: SB CRC Error
Device:
NodeID
Function: 1
Offset:
90h
Bit
Attr
Default
Description
31:8
RV
0
Reserved
7RWCST
0
WBUFOVFL: Write Buffer overflow
- Implementation Specific - only supported for debug
6RWCST
0
WPLDERR: Wrong Number of Write Payloads (Buffer Underflow)
- Implementation Specific - only supported for debug
5RWCST
0
INJERR: Error Injection has sourced an injected error bit in the status
return field (optional)
4RWCST
0
INJALERT: Error Injection has sourced an injected alert error (optional)
3RWCST
0
FEWEDGES: tClk Training Violation (no sync cmd for2x SYNCTRAININT -
typically 84 frames)
Logs in RECFBD registers. Sends Alerts NB. Triggers auto self refresh SM.
2RWCST
0
OVERTEMP: Temp > TEMPHI and temp enabled
Fatal. AMB shuts down.
1RWCST
0
UNIMPLCFG: Unimplemented Configuration Address
Correctable. Logs in RECCFG* registers. AMB drops the command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com