Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 177 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 177 Page - Intel Corporation

Back Button 6402 Datasheet HTML 173Page - Intel Corporation 6402 Datasheet HTML 174Page - Intel Corporation 6402 Datasheet HTML 175Page - Intel Corporation 6402 Datasheet HTML 176Page - Intel Corporation 6402 Datasheet HTML 177Page - Intel Corporation 6402 Datasheet HTML 178Page - Intel Corporation 6402 Datasheet HTML 179Page - Intel Corporation 6402 Datasheet HTML 180Page - Intel Corporation 6402 Datasheet HTML 181Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 250 page
background image
Intel® 6400/6402 Advanced Memory Buffer Datasheet
177
Registers
14.3.1.12 FBDNBCFGCUR: FBD NB Link Electrical Configuration
This register contains current settings of control bits to set link electrical parameters to
match link length and frequency characteristics.
14.3.1.13 LINKPARCUR: FBD Link Frequency
This register contains current settings of control bits to set link electrical parameters to
match link length and frequency characteristics
Device:
NodeID
Function: 1
Offset:
51h
Bit
Attr
Default
Description
7:5
RV
0h
Reserved
4:3
ROST
00
NBTXDRVCUR:
‘11’ = Small
‘10’ = reserved
‘01’ = Regular
‘00’ = Large
2:1
ROST
10b
NBTXDEEMP:
00 = 0 dB
01 = 3.5dB
10 = 6dB
11 = 9.5dB
0ROST
1
NBRESYNCEN:
‘1’ = SB pass-thru data is in Re-sync mode
‘0’ = SB pass-thru is in Re-sample mode.
Device:
NodeID
Function: 1
Offset:
52h
Bit
Attr
Default
Description
15:2
RV
0h
Reserved
1:0
ROST
01
CFREQ: Current Link Frequency
• 11 = DDR2-800
• 10 = DDR2-667
• 01 = DDR2-533
• 00 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com