Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 206 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 206 Page - Intel Corporation

Back Button 6402 Datasheet HTML 202Page - Intel Corporation 6402 Datasheet HTML 203Page - Intel Corporation 6402 Datasheet HTML 204Page - Intel Corporation 6402 Datasheet HTML 205Page - Intel Corporation 6402 Datasheet HTML 206Page - Intel Corporation 6402 Datasheet HTML 207Page - Intel Corporation 6402 Datasheet HTML 208Page - Intel Corporation 6402 Datasheet HTML 209Page - Intel Corporation 6402 Datasheet HTML 210Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 250 page
background image
Registers
206
Intel® 6400/6402 Advanced Memory Buffer Datasheet
14.6.1.3
DCALDATA[71:0]: DCAL Data Registers
Device:
NodeID
Function: 4
Offset:
8Fh - 48h
Bit
Attr
Default
Description
7:0
RW
00h
DCALDATA: DCAL Data and Other Information Based on Opcode.
Table 14-15. Functional Characteristics of DCALDATA for Calibration Algorithms
(Sheet 1 of 2)
Byte
Receive Enable
DQS Cal
71
Preamble status DQS17 rank1
Max delay DQS17 rank1
70
First edge position DQS17 rank1
Min delay DQS17 rank1
69
Preamble status DQS8 rank1
Max delay DQS8 rank1
68
First edge position DQS8 rank1
Min delay DQS8 rank1
67
Preamble status DQS16 rank1
Max delay DQS16 rank1
66
First edge position DQS16 rank1
Min delay DQS16 rank1
65
Preamble status DQS7 rank1
Max delay DQS7 rank1
64
First edge position DQS7 rank1
Min delay DQS7 rank1
63
Preamble status DQS15 rank1
Max delay DQS15 rank1
62
First edge position DQS15 rank1
Min delay DQS15 rank1
61
Preamble status DQS6 rank1
Max delay DQS6 rank1
60
First edge position DQS6 rank1
Min delay DQS6 rank1
59
Preamble status DQS14 rank1
Max delay DQS14 rank1
58
First edge position DQS14 rank1
Min delay DQS14 rank1
57
Preamble status DQS5 rank1
Max delay DQS5 rank1
56
First edge position DQS5 rank1
Min delay DQS5 rank1
55
Preamble status DQS13 rank1
Max delay DQS13 rank1
54
First edge position DQS13 rank1
Min delay DQS13 rank1
53
Preamble status DQS4 rank1
Max delay DQS4 rank1
52
First edge position DQS4 rank1
Min delay DQS4 rank1
51
Preamble status DQS12 rank1
Max delay DQS12 rank1
50
First edge position DQS12 rank1
Min delay DQS12 rank1
49
Preamble status DQS3 rank1
Max delay DQS3 rank1
48
First edge position DQS3 rank1
Min delay DQS3 rank1
47
Preamble status DQS11 rank1
Max delay DQS11 rank1
46
First edge position DQS11 rank1
Min delay DQS11 rank1
45
Preamble status DQS2 rank1
Max delay DQS2 rank1
44
First edge position DQS2 rank1
Min delay DQS2 rank1
43
Preamble status DQS10 rank1
Max delay DQS10 rank1
42
First edge position DQS10 rank1
Min delay DQS10 rank1
41
Preamble status DQS1 rank1
Max delay DQS1 rank1
40
First edge position DQS1 rank1
Min delay DQS1 rank1
39
Preamble status DQS9 rank1
Max delay DQS9 rank1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com