Electronic Components Datasheet Search
  English  ▼

X  

6402 Datasheet(PDF) 208 Page - Intel Corporation

Part # 6402
Description  Advanced Memory Buffer
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6402 Datasheet(HTML) 208 Page - Intel Corporation

Back Button 6402 Datasheet HTML 204Page - Intel Corporation 6402 Datasheet HTML 205Page - Intel Corporation 6402 Datasheet HTML 206Page - Intel Corporation 6402 Datasheet HTML 207Page - Intel Corporation 6402 Datasheet HTML 208Page - Intel Corporation 6402 Datasheet HTML 209Page - Intel Corporation 6402 Datasheet HTML 210Page - Intel Corporation 6402 Datasheet HTML 211Page - Intel Corporation 6402 Datasheet HTML 212Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 250 page
background image
Registers
208
Intel® 6400/6402 Advanced Memory Buffer Datasheet
DCALDATA Receiver Enable “First edge position” byte detail
Bit
Description
7:0
At the end of a successful calibration, this register holds the DRRTC setting that enables the DQS
receiver as close as possible to but no earlier than the first rising DQS transition after the preamble. At
the start of the calibration, this register is loaded with a value of 0xFF. During the calibration, while
the “strobe toggle status” bit is low, this register will be updated with the DRRTC value for the current
calibration step if the DQS is found to have a value of zero. After “strobe toggle status” goes high, this
register will be updated with the DRRTC value when the DQS is found to have a value of one at a
calibration step. This register will no longer be updated after the “preamble found status” bit
goes high, so that it will retain the position of the rising DQS edge following immediately after
the preamble.
DCALDATA Receiver Enable “Preamble status” byte detail
Bit
Description
7
Strobe toggle status. Hardware sets this bit if a valid high pulse is found in the strobe waveform. The
requirement is (DCALDATA.First_edge_position - last receiver enable delay value) >
RCVENAC.HWIDTH
6
Preamble found status. Hardware sets this bit if the “preamble found” bit asserts at any time during
the calibration.
5
Preamble found. Last receiver enable delay value meets or exceeds the preamble width requirement
setting.
Hardware sets this bit if: (DCALDATA.First_edge_position - last receiver enable delay value) >
RCVENAC.PWIDTH
4:0
Count of “lows” minus count of “highs” found during one set of repeated tests at the last receiver
enable delay setting. See DCALCSR opmods field for a description of the repeat test function.
DCALDATA DQS Cal Max Delay detail
Bit
Description
7:6
reserved
5:0
At the end of a successful calibration, this field will hold the maximum DQS delay setting that results
in correct data capture in the DDR I/O capture flop. This is the right edge of the DQ data eye. During
the calibration, this field is updated with the DQS delay setting at each calibration step until the
minimum delay setting is found and a subsequent failure to capture correct read data occurs.
Table 14-16. Functional Characteristics of DCALDATA for HVM Algorithms
Byte
I/O Loopback
DLL BIST
71:3
6
Not used
Not used
35
First “All Bits Failed” position and Status DQS17
Core Counter DQS17
34
First “Any Bit Failed” Position and Status DQS17
33
First “All Bits Failed” position and Status DQS8
Core Counter DQS8
32
First “Any Bit Failed” Position and Status DQS8
31
First “All Bits Failed” position and Status DQS16
Core Counter DQS16
30
First “Any Bit Failed” Position and Status DQS16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com