Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 67 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 67 Page - Intel Corporation

Back Button 3000 Datasheet HTML 63Page - Intel Corporation 3000 Datasheet HTML 64Page - Intel Corporation 3000 Datasheet HTML 65Page - Intel Corporation 3000 Datasheet HTML 66Page - Intel Corporation 3000 Datasheet HTML 67Page - Intel Corporation 3000 Datasheet HTML 68Page - Intel Corporation 3000 Datasheet HTML 69Page - Intel Corporation 3000 Datasheet HTML 70Page - Intel Corporation 3000 Datasheet HTML 71Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
Land Listing and Signal Descriptions
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
69
BR0#
Input/Output
BR0# drives the BREQ0# signal in the system and is used by the
processor to request the bus. During power-on configuration this
signal is sampled to determine the agent ID = 0.
This signal does not have on-die termination and must be terminated.
BSEL[2:0]
Output
The BCLK[1:0] frequency select signals BSEL[2:0] are used to select
the processor input clock frequency. Table 2-17 defines the possible
combinations of the signals and the frequency associated with each
combination. The required frequency is determined by the processor,
chipset and clock synthesizer. All agents must operate at the same
frequency. For more information about these signals, including
termination recommendations refer to Section 2.7.6.
COMP8
COMP[3:0]
Analog
COMP[3:0] and COMP8 must be terminated to VSS on the system
board using precision resistors.
D[63:0]#
Input/Output
D[63:0]# (Data) are the data signals. These signals provide a 64-bit
data path between the processor FSB agents, and must connect the
appropriate pins/lands on all such agents. The data driver asserts
DRDY# to indicate a valid data transfer.
D[63:0]# are quad-pumped signals and will, thus, be driven four
times in a common clock period. D[63:0]# are latched off the falling
edge of both DSTBP[3:0]# and DSTBN[3:0]#. Each group of 16 data
signals correspond to a pair of one DSTBP# and one DSTBN#. The
following table shows the grouping of data signals to data strobes and
DBI#.
Furthermore, the DBI# signals determine the polarity of the data
signals. Each group of 16 data signals corresponds to one DBI# signal.
When the DBI# signal is active, the corresponding data group is
inverted and therefore sampled active high.
DBI[3:0]#
Input/Output
DBI[3:0]# (Data Bus Inversion) are source synchronous and indicate
the polarity of the D[63:0]# signals.The DBI[3:0]# signals are
activated when the data on the data bus is inverted. If more than half
the data bits, within a 16-bit group, would have been asserted
electrically low, the bus agent may invert the data bus signals for that
particular sub-phase for that 16-bit group.
DBR#
Output
DBR# (Debug Reset) is used only in processor systems where no
debug port is implemented on the system board. DBR# is used by a
debug port interposer so that an in-target probe can drive system
reset. If a debug port is implemented in the system, DBR# is a no
connect in the system. DBR# is not a processor signal.
DBSY#
Input/Output
DBSY# (Data Bus Busy) is asserted by the agent responsible for
driving data on the processor FSB to indicate that the data bus is in
use. The data bus is released after DBSY# is de-asserted. This signal
must connect the appropriate pins/lands on all processor FSB agents.
Table 4-3.
Signal Description (Sheet 2 of 7)
Name
Type
Description
Quad-Pumped Signal Groups
Data Group
DSTBN#/DST
BP#
DBI#
D[15:0]#
0
0
D[31:16]#
1
1
D[47:32]#
2
2
D[63:48]#
3
3
DBI[3:0] Assignment To Data Bus
Bus Signal
Data Bus Signals
DBI3#
D[63:48]#
DBI2#
D[47:32]#
DBI1#
D[31:16]#
DBI0#
D[15:0]#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com