Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 29 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 3000 Datasheet HTML 25Page - Intel Corporation 3000 Datasheet HTML 26Page - Intel Corporation 3000 Datasheet HTML 27Page - Intel Corporation 3000 Datasheet HTML 28Page - Intel Corporation 3000 Datasheet HTML 29Page - Intel Corporation 3000 Datasheet HTML 30Page - Intel Corporation 3000 Datasheet HTML 31Page - Intel Corporation 3000 Datasheet HTML 32Page - Intel Corporation 3000 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
31
Electrical Specifications
2.7.8
BCLK[1:0] Specifications (CK505 based Platforms)
Table 2-18. Front Side Bus Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
Notes1
Notes:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VL
Input Low Voltage
-0.30
N/A
N/A
V
2-4
2
2. "Steady state" voltage, not including overshoot or undershoot.
VH
Input High Voltage
N/A
N/A
1.15
V
2-4
2
VCROSS(abs)
Absolute Crossing Point
0.300
N/A
0.550
V
2-4, 2-5
3, 4, 5
3. Crossing voltage is defined as the instantaneous voltage value when the rising edge of BCLK0 equals the falling
edge of BCLK1.
4. VHavg is the statistical average of the VH measured by the oscilloscope.
5. The crossing point must meet the absolute and relative crossing point specifications simultaneously.
ΔVCROSS
Range of Crossing Points
N/A
N/A
0.140
V
2-4, 2-5
4
VOS
Overshoot
N/A
N/A
1.4
V
2-4
6
6. Overshoot is defined as the absolute value of the maximum voltage. Undershoot is defined as the absolute
value of the minimum voltage.
VUS
Undershoot
-0.300
N/A
N/A
V
2-4
6
VSWING
Differential Output Swing
0.300
N/A
N/A
V
2-6
7
7. Measurement taken from differential waveform.
ILI
Input Leakage Current
-5
N/A
5
μA
Cpad
Pad Capacitance
.95
1.2
1.45
pF
8
8. Cpad includes die capacitance only. No package parasitics are included.
Figure 2-4. Differential Clock Waveform
High Time
Period
V
CROSS
CLK 1
CLK 0
Low Time
VCROSS Min
300 mV
VCROSS Max
550 mV
median
V
CROSS
median
V
CROSS
Median + 75 mV
Median - 75 mV
V
CROSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com