Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 70 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 70 Page - Intel Corporation

Back Button 3000 Datasheet HTML 66Page - Intel Corporation 3000 Datasheet HTML 67Page - Intel Corporation 3000 Datasheet HTML 68Page - Intel Corporation 3000 Datasheet HTML 69Page - Intel Corporation 3000 Datasheet HTML 70Page - Intel Corporation 3000 Datasheet HTML 71Page - Intel Corporation 3000 Datasheet HTML 72Page - Intel Corporation 3000 Datasheet HTML 73Page - Intel Corporation 3000 Datasheet HTML 74Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
Land Listing and Signal Descriptions
72
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
REQ[4:0]#
Input/Output
REQ[4:0]# (Request Command) must connect the appropriate
pins/lands of all processor FSB agents. They are asserted by the
current bus owner to define the currently active transaction type.
These signals are source synchronous to ADSTB0#.
RESET#
Input
Asserting the RESET# signal resets the processor to a known state
and invalidates its internal caches without writing back any of their
contents. For a power-on Reset, RESET# must stay active for at least
one millisecond after VCC and BCLK have reached their proper
specifications. On observing active RESET#, all FSB agents will de-
assert their outputs within two clocks. RESET# must not be kept
asserted for more than 10 ms while PWRGOOD is asserted.
A number of bus signals are sampled at the active-to-inactive
transition of RESET# for power-on configuration. These configuration
options are described in the Section 6.1.
This signal does not have on-die termination and must be terminated
on the system board.
RESERVED
All RESERVED lands must remain unconnected. Connection of these
lands to VCC, VSS, VTT, or to any other signal (including each other)
can result in component malfunction or incompatibility with future
processors.
RS[2:0]#
Input
RS[2:0]# (Response Status) are driven by the response agent (the
agent responsible for completion of the current transaction), and must
connect the appropriate pins/lands of all processor FSB agents.
SKTOCC#
Output
SKTOCC# (Socket Occupied) will be pulled to ground by the processor.
System board designers may use this signal to determine if the
processor is present.
SMI#
Input
SMI# (System Management Interrupt) is asserted asynchronously by
system logic. On accepting a System Management Interrupt, the
processor saves the current state and enter System Management
Mode (SMM). An SMI Acknowledge transaction is issued, and the
processor begins program execution from the SMM handler.
If SMI# is asserted during the de-assertion of RESET#, the processor
will tri-state its outputs.
STPCLK#
Input
STPCLK# (Stop Clock), when asserted, causes the processor to enter
a low power Stop-Grant state. The processor issues a Stop-Grant
Acknowledge transaction, and stops providing internal clock signals to
all processor core units except the FSB and APIC units. The processor
continues to snoop bus transactions and service interrupts while in
Stop-Grant state. When STPCLK# is de-asserted, the processor
restarts its internal clock to all units and resumes execution. The
assertion of STPCLK# has no effect on the bus clock; STPCLK# is an
asynchronous input.
TCK
Input
TCK (Test Clock) provides the clock input for the processor Test Bus
(also known as the Test Access Port).
TDI
Input
TDI (Test Data In) transfers serial test data into the processor. TDI
provides the serial input needed for JTAG specification support.
TDO
Output
TDO (Test Data Out) transfers serial test data out of the processor.
TDO provides the serial output needed for JTAG specification support.
TESTHI[13:0]
Input
TESTHI[13:0] must be connected to the processor’s appropriate
power source (refer to VTT_OUT_LEFT and VTT_OUT_RIGHT signal
description) through a resistor for proper processor operation. See
Section 2.5 for more details.
THERMDA
Other
Thermal Diode Anode. See Section 5.3.
THERMDC
Other
Thermal Diode Cathode. See Section 5.3.
Table 4-3.
Signal Description (Sheet 5 of 7)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com