Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 8 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 3000 Datasheet HTML 4Page - Intel Corporation 3000 Datasheet HTML 5Page - Intel Corporation 3000 Datasheet HTML 6Page - Intel Corporation 3000 Datasheet HTML 7Page - Intel Corporation 3000 Datasheet HTML 8Page - Intel Corporation 3000 Datasheet HTML 9Page - Intel Corporation 3000 Datasheet HTML 10Page - Intel Corporation 3000 Datasheet HTML 11Page - Intel Corporation 3000 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
8
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
Dual-Core Intel® Xeon® Processor
3000 Series Features
The Dual-Core Intel® Xeon® processor 3000 series deliver Intel's advanced, powerful processors for
unit processor servers. The processor is designed to deliver performance across applications and
usages where end-users can truly appreciate and experience the performance.
Intel® 64Φ enables the processor to execute operating systems and applications written to take
advantage of the Intel 64. The processor supporting Enhanced Intel Speedstep® technology allows
tradeoffs to be made between performance and power consumption.
The Dual-Core Intel® Xeon® processor 3000 series also include the Execute Disable Bit capability.
This feature, combined with a supported operating system, allows memory to be marked as
executable or non-executable.
The Dual-Core Intel® Xeon® processor 3000 series support Intel® Virtualization Technology.
Virtualization Technology provides silicon-based functionality that works together with compatible
Virtual Machine Monitor (VMM) software to improve on software-only solutions.
The Dual-Core Intel® Xeon® processor 3000 series support Intel® Trusted Execution Technology
(Intel® TXT). Intel® Trusted Execution Technology (Intel® TXT) is a security technology.
• Available at 2.66 GHz, 2.40 GHz, 2.13 GHz,
and 1.86 GHz (Dual-Core Intel® Xeon®
processors 3070, 3060, 3050, and 3040
only)
• Available at 3.00 GHz, 2.66 GHz, 2.40 GHz,
and 2.33 GHz (Dual-Core Intel® Xeon®
processors 3085, 3075, 3070, 3065, and
3060 only)
• Enhanced Intel Speedstep® Technology
•Supports Intel® 64Φ
• Supports Intel® Virtualization Technology
• Supports Intel® Trusted Execution
Technology (Intel® TXT)
•Supports Intel® Virtualization Technology
(Dual-Core Intel® Xeon® processor 3000
series)
• Supports Execute Disable Bit capability
• Binary compatible with applications running
on previous members of the Intel
microprocessor line
• FSB frequency at 1066, 1333 MHz
• Advance Dynamic Execution
• Very deep out-of-order execution
• Enhanced branch prediction
• Optimized for 32-bit applications running on
advanced 32-bit operating systems
• Two 16-KB Level 1 data caches
• 4 MB Advanced Smart Cache (Dual-Core
Intel® Xeon® processors 3070 and 3060
only)
• 2 MB Advanced Smart Cache (Dual-Core
Intel® Xeon® processors 3050 and 3040
only)
• Advanced Digital Media Boost
• Enhanced floating point and multimedia unit
for enhanced video, audio, encryption, and
3D performance
• Power Management capabilities
• System Management mode
• Multiple low-power states
• 8-way cache associativity provides improved
cache hit rate on load/store operations
• 775-land Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com