Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 96 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 96 Page - Intel Corporation

Back Button 3000 Datasheet HTML 92Page - Intel Corporation 3000 Datasheet HTML 93Page - Intel Corporation 3000 Datasheet HTML 94Page - Intel Corporation 3000 Datasheet HTML 95Page - Intel Corporation 3000 Datasheet HTML 96Page - Intel Corporation 3000 Datasheet HTML 97Page - Intel Corporation 3000 Datasheet HTML 98Page - Intel Corporation 3000 Datasheet HTML 99Page - Intel Corporation 3000 Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 102 page
background image
Boxed Processor Specifications
98
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
The boxed processor's fanheat sink requires a constant +12 V supplied to pin 2 and
does not support variable voltage control or 3-pin PWM control.
The power header on the baseboard must be positioned to allow the fan heatsink power
cable to reach it. The power header identification and location should be documented in
the platform documentation, or on the system board itself. Figure 7-6 shows the
location of the fan power connector relative to the processor socket. The baseboard
power header should be positioned within 110 mm [4.33 inches] from the center of the
processor socket.
Figure 7-5. Boxed Processor Fan Heatsink Power Cable Connector Description
Table 7-1.
Fan Heatsink Power and Signal Specifications
Description
Min
Typ
Max
Unit
Notes
+12 V: 12 volt fan power supply
11.4
12
12.6
V
-
IC:
Peak fan steady-state current draw
Average fan steady-state current draw
Max fan start-up current draw
Fan start-up current draw maximum duration
—
—
—
—
3.0
2.0
3.0
1.0
—
—
—
—
A
A
A
Second
-
SENSE: SENSE frequency
—
2
—
pulses per fan
revolution
1
Notes:
1. Baseboard should pull this pin up to 5 V with a resistor.
CONTROL
21
25
28
Hz
2, 3
2. Open drain type, pulse width modulated.
3. The fan will have a pull-up resistor for this signal, maximum of 5.25 V.
C
Pin
Signal
12 34
1
2
3
4
GND
+12 V
SENSE
CONTROL
Straight square pin, 4-pin terminal housing with
polarizing ribs and friction locking ramp.
0.100" pitch, 0.025" square pin width.
Match with straight pin, friction lock header on
mainboard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com