Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 32 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 32 Page - Intel Corporation

Back Button 3000 Datasheet HTML 28Page - Intel Corporation 3000 Datasheet HTML 29Page - Intel Corporation 3000 Datasheet HTML 30Page - Intel Corporation 3000 Datasheet HTML 31Page - Intel Corporation 3000 Datasheet HTML 32Page - Intel Corporation 3000 Datasheet HTML 33Page - Intel Corporation 3000 Datasheet HTML 34Page - Intel Corporation 3000 Datasheet HTML 35Page - Intel Corporation 3000 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
Electrical Specifications
34
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
Ileak-
High impedance leakage to GND
N/A
10
µA
3
Cbus
Bus capacitance per node
N/A
10
pF
4
Vnoise
Signal noise immunity above 300 MHz
0.1 * VTT
—Vp-p
Notes:
1.
VTT supplies the PECI interface. PECI behavior does not affect VTT min/max specifications. Refer
to Table 2-3 for VTT specifications.
2. The input buffers use a Schmitt-triggered input design for improved noise immunity.
3. The leakage specification applies to powered devices on the PECI bus.
4. One node is counted for each client and one node for the system host. Extended trace lengths
might appear as additional nodes.
Table 20.
PECI DC Electrical Limits
Symbol
Definition and Conditions
Min
Max
Units
Notes1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com