Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 24 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 24 Page - Intel Corporation

Back Button 3000 Datasheet HTML 20Page - Intel Corporation 3000 Datasheet HTML 21Page - Intel Corporation 3000 Datasheet HTML 22Page - Intel Corporation 3000 Datasheet HTML 23Page - Intel Corporation 3000 Datasheet HTML 24Page - Intel Corporation 3000 Datasheet HTML 25Page - Intel Corporation 3000 Datasheet HTML 26Page - Intel Corporation 3000 Datasheet HTML 27Page - Intel Corporation 3000 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
Electrical Specifications
26
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
Notes:
1.
Refer to Section 4.2 for signal descriptions.
2.
In processor systems where no debug port is implemented on the system board, these signals are used to
support a debug port interposer. In systems with the debug port implemented on the system board, these
signals are no connects.
3.
The value of these signals during the active-to-inactive edge of RESET# defines the processor configuration
options. See Section 6.1 for details.
4.
PROCHOT# signal type is open drain output and CMOS input.
.
GTL+ Strobes
Synchronous to
BCLK[1:0]
ADSTB[1:0]#, DSTBP[3:0]#, DSTBN[3:0]#
CMOS
A20M#, IGNNE#, INIT#, LINT0/INTR, LINT1/NMI, SMI#,
STPCLK#, PWRGOOD, TCK, TDI, TMS, TRST#, BSEL[2:0],
VID[6:1]
Open Drain Output
FERR#/PBE#, IERR#, THERMTRIP#, TDO
Open Drain
Input/Output
PROCHOT#4
FSB Clock
Clock
BCLK[1:0], ITP_CLK[1:0]2
Power/Other
VCC, VTT, VCCA, VCCIOPLL, VCCPLL, VSS, VSSA, GTLREF[1:0],
COMP[8,3:0], RESERVED, TESTHI[13:0], VCC_SENSE,
VCC_MB_REGULATION, VSS_SENSE, VSS_MB_REGULATION,
DBR#2, VTT_OUT_LEFT, VTT_OUT_RIGHT, VTT_SEL, FCx, PECI,
MSID[1:0]
Table 2-8.
FSB Signal Groups (Sheet 2 of 2)
Signal Group
Type
Signals1
Table 2-9.
Signal Characteristics
Signals with RTT
Signals with No RTT
A[35:3]#, ADS#, ADSTB[1:0]#, BNR#, BPRI#,
D[63:0]#, DBI[3:0]#, DBSY#, DEFER#, DRDY#,
DSTBN[3:0]#, DSTBP[3:0]#, HIT#, HITM#, LOCK#,
PROCHOT#, REQ[4:0]#, RS[2:0]#, TRDY#
A20M#, BCLK[1:0], BSEL[2:0], COMP[8,3:0],
IGNNE#, INIT#, ITP_CLK[1:0], LINT0/INTR,
LINT1/NMI, MSID[1:0] PWRGOOD, RESET#, SMI#,
STPCLK#, TESTHI[13:0], VID[6:1], GTLREF[1:0],
TCK, TDI, TMS, TRST#, VTT_SEL
Open Drain Signals1
Notes:
1. Signals that do not have RTT, nor are actively driven to their high-voltage level.
THERMTRIP#, FERR#/PBE#, IERR#, BPM[5:0]#, BR0#,
TDO, FCx
Table 2-10. Signal Reference Voltages
GTLREF
VTT/2
BPM[5:0]#, RESET#, BNR#, HIT#, HITM#, BR0#,
A[35:0]#, ADS#, ADSTB[1:0]#, BPRI#, D[63:0]#,
DBI[3:0]#, DBSY#, DEFER#, DRDY#, DSTBN[3:0]#,
DSTBP[3:0]#, LOCK#, REQ[4:0]#, RS[2:0]#, TRDY#
A20M#, LINT0/INTR, LINT1/NMI, IGNNE#,
INIT#, PROCHOT#, PWRGOOD1, SMI#,
STPCLK#, TCK1, TDI1, TMS1, TRST#1
Notes:
1. These signals also have hysteresis added to the reference voltage. See Table 2-12 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com