Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 88 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 88 Page - Intel Corporation

Back Button 3000 Datasheet HTML 84Page - Intel Corporation 3000 Datasheet HTML 85Page - Intel Corporation 3000 Datasheet HTML 86Page - Intel Corporation 3000 Datasheet HTML 87Page - Intel Corporation 3000 Datasheet HTML 88Page - Intel Corporation 3000 Datasheet HTML 89Page - Intel Corporation 3000 Datasheet HTML 90Page - Intel Corporation 3000 Datasheet HTML 91Page - Intel Corporation 3000 Datasheet HTML 92Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 102 page
background image
Features
90
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
6.2.1
Normal State
This is the normal operating state for the processor.
6.2.2
HALT and Extended HALT Powerdown States
The processor supports the HALT or Extended HALT powerdown state. The Extended
HALT Powerdown must be enabled via the BIOS for the processor to remain within its
specification. Refer to the Conroe Processor Family BIOS Writer's Guide (BWG) for
Extended HALT configuration information.
The Extended HALT state is a lower power state as compared to the Stop Grant State.
If Extended HALT is not enabled, the default Powerdown state entered will be HALT.
Refer to the following sections for details about the HALT and Extended HALT states.
6.2.2.1
HALT Powerdown State
HALT is a low power state entered when all the processor cores have executed the HALT
or MWAIT instructions. When one of the processor cores executes the HALT instruction,
that processor core is halted; however, the other processor continues normal operation.
The processor transitions to the Normal state upon the occurrence of SMI#, INIT#, or
LINT[1:0] (NMI, INTR). RESET# causes the processor to immediately initialize itself.
Figure 6-1. Processor Low Power State Machine
Normal State
- Normal Execution
Extended Stop Grant
State or Stop Grant State
- BCLK running
- Snoops and interrupts
allowed
Extended Stop Grant
Snoop or Stop Grant
Snoop State
-BCLK running
- Service Snoops to caches
Extended HALT Snoop or
HALT Snoop State
-BCLK running
- Service Snoops to caches
Extended HALT or HALT
State
-BCLK running
- Snoops and interrupts
allowed
HALT or MWAIT Instruction and
HALT Bus Cycle Generated
INIT#, INTR, NMI, SMI#, RESET#,
FSB interrupts
STPCLK#
Asserted
STPCLK#
De-asserted
STPCLK#
Asserted
STPCLK#
De-asserted
Snoop
Event
Occurs
Snoop
Event
Serviced
Snoop Event Occurs
Snoop Event Serviced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com